Electronic Components Datasheet Search
  English  ▼

X  

CHR2294 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHR2294
Description  25-35GHz Single Side Band Mixer Self biased
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2294 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHR2294 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 6Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 7Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CHR2294
25-35GHz SSB Mixer
Ref. : DSCHR22940197 - 16 Jul 10
2/8
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics for Broadband Operation
Tamb = +25°C
Symbol
Parameter
Min
Typ
Max
Unit
FRF
RF frequency range
25
35
GHz
FLO
LO frequency range
11
19
GHz
FIF
IF frequency range
DC
3.5
GHz
Lc
Conversion Loss
15
11
dB
PLO
LO Input power
+9
dBm
2xLO Leak
2xLO Leakage (for PLO=+5dBm)
-35
dBm
Img Rej
Image Rejection (1)
15
dBc
P1dB
Input power at 1dB gain compression
+2.5
dBm
LO Match
LO VSWR
2.0:1
RF Match
RF VSWR
2.0:1
IF Match
IF VSWR
2.0:1
Vd
Drain bias voltage
4
V
Id
Bias current
55
mA
(1) With external quadrature hybrid coupler (reference on request). The minimal value
depends on the quality of the external quadrature combiner.
A bonding wire of typically 0.1 to 0.15nH will improve the accesses matching.
Absolute Maximum Ratings
Tamb. = 25°C (1)
Symbol
Parameter
Values
Unit
Vd
Drain bias voltage
4.25
V
Id
Drain bias current
75
mA
Tj
Junction temperature
175
°C
Ta
Operating temperature range (chip backside)
-40 to +85
°C
Tstg
Storage temperature range
-55 to +125
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com