Electronic Components Datasheet Search
  English  ▼

X  

CHR2294 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHR2294
Description  25-35GHz Single Side Band Mixer Self biased
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2294 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHR2294 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 6Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 7Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
25-35GHz SSB Mixer
CHR2294
Ref. : DSCHR22940197 - 16 Jul 10
3/8
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Measured Performances with external 90°IQ combiner
Tamb = +25°C, VD=4V, P_LO = 9dBm
These values are representative of de-embedded onboard measurements as defined on the
Evaluation mother board section.
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
RF frequency (GHz)
CL sup (dB)
Imag Supp (dBc)
P LO@RF (dBm)
P 2xLO @RF (dBm)
Conversion Loss, Image suppression & LO rejection
UP Conversion - Supra-dyne mode - IF =1.2GHz
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
RF frequency (GHz)
CL inf (dB)
Imag-Supp (dBc)
P LO@RF (dBm)
P 2xLO @RF (dBm)
Conversion Loss, Image suppression & LO rejection
UP Conversion - Infra-dyne mode - IF =1.2GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com