Electronic Components Datasheet Search
  English  ▼

X  

CHR2294 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHR2294
Description  25-35GHz Single Side Band Mixer Self biased
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2294 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHR2294 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 6Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 7Page - United Monolithic Semiconductors CHR2294 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CHR2294
RoHS COMPLIANT
Ref. : DSCHR22940197 - 16 Jul 10
1/8
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
25-35GHz Single Side Band Mixer
Self biased
GaAs Monolithic Microwave IC
Description
The CHR2294 is a multifunction chip (MFC)
which integrates a self biased LO buffer
amplifier and a sub-harmonically balanced
diodes mixer for 2LO suppression and image
rejection. It is usable for both up-conversion
and down-conversion. It is designed for a
wide
range
of
applications,
typically
commercial
communication
systems
for
broadband local access. The backside of the
chip is both RF and DC grounded. This helps
to simplify the assembly process.
The circuit is manufactured with a pHEMT
process, 0.25µm gate length, via holes
through
the
substrate,
air
bridges
and
electron beam gate lithography.
It is available in chip form.
Main Features
Broadband performances: 25-35GHz
11dB conversion Loss
15dBc image rejection
+9dBm LO input power
+2.5dBm input power (1dB gain comp.)
Low DC power consumption, 55mA@4V
Chip size: 2.06 x 1.25 x 0.10mm
Up-conversion Supradyne mode
IF=1.2GHz
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
RF frequency (GHz)
CL sup (dB)
Imag Supp (dBc)
P LO@RF (dBm)
P 2xLO @RF (dBm)
Main Characteristics
Tamb. = 25°C
Parameter
Min
Typ
Max
Unit
FRF
RF frequency range
25
35
GHz
FLO
LO frequency range
11
19
GHz
FIF
IF frequency range
DC
3.5
GHz
Lc
Conversion Loss
15
11
dB
ESD Protection: Electrostatic discharge sensitive device. Observe handling precautions!


Similar Part No. - CHR2294

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2294 UMS-CHR2294 Datasheet
137Kb / 6P
25-35GHz Single Side Band Mixer Self biased
More results

Similar Description - CHR2294

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHM1291 UMS-CHM1291 Datasheet
155Kb / 6P
25-32GHz Single Side Band Mixer
CHR2294 UMS-CHR2294 Datasheet
137Kb / 6P
25-35GHz Single Side Band Mixer Self biased
MFC-PO10892 UMS-MFC-PO10892 Datasheet
157Kb / 6P
35-45GHz Single Side Band Mixer Self biased
MPC-P09828 UMS-MPC-P09828 Datasheet
128Kb / 6P
55-65GHz Single Side Band Mixer
MFC-P09828 UMS-MFC-P09828 Datasheet
128Kb / 6P
55-65GHz Single Side Band Mixer
CHM1298-99F UMS-CHM1298-99F Datasheet
261Kb / 6P
55-65GHz Single Side Band Mixer
CHM1291 UMS-CHM1291_15 Datasheet
128Kb / 6P
25-32GHz Single Side Band Mixer
CHM1294 UMS-CHM1294_15 Datasheet
124Kb / 6P
35-45GHz Self biased Single Side Band Mixer
CHM1298-99F UMS-CHM1298-99F_15 Datasheet
261Kb / 6P
55-65GHz Single Side Band Mixer
CHM1080-98F UMS-CHM1080-98F Datasheet
574Kb / 16P
71-86GHz Single Side Band Mixer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com