Electronic Components Datasheet Search
  English  ▼

X  

SA616 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA616
Description  Low-voltage high performance mixer FM IF system
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA616 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA616_15 Datasheet HTML 9Page - NXP Semiconductors SA616_15 Datasheet HTML 10Page - NXP Semiconductors SA616_15 Datasheet HTML 11Page - NXP Semiconductors SA616_15 Datasheet HTML 12Page - NXP Semiconductors SA616_15 Datasheet HTML 13Page - NXP Semiconductors SA616_15 Datasheet HTML 14Page - NXP Semiconductors SA616_15 Datasheet HTML 15Page - NXP Semiconductors SA616_15 Datasheet HTML 16Page - NXP Semiconductors SA616_15 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
SA616
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 24 July 2012
13 of 31
NXP Semiconductors
SA616
Low-voltage high performance mixer FM IF system
455 kHz IF at 3 V.
Fig 13. RSSI output voltage versus IF level
VCC =3V
Fig 14. RSSI output voltage versus RF level
IF level (dBm)
−95
5
−15
−55
−35
−75
002aaf419
0.8
1.6
2.4
Vo(RSSI)
(V)
0
0.4
1.2
2.0
Tamb = +85 °C
room
−40 °C
RF level (dBm)
−125
−25
−45
−85
−65
−105
002aaf420
0.9
1.5
2.1
Vo(RSSI)
(V)
0.3
0.6
1.2
1.8
Tamb = +85 °C
+27
°C
−40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com