Electronic Components Datasheet Search
  English  ▼

X  

SA616 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA616
Description  Low-voltage high performance mixer FM IF system
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA616 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA616_15 Datasheet HTML 1Page - NXP Semiconductors SA616_15 Datasheet HTML 2Page - NXP Semiconductors SA616_15 Datasheet HTML 3Page - NXP Semiconductors SA616_15 Datasheet HTML 4Page - NXP Semiconductors SA616_15 Datasheet HTML 5Page - NXP Semiconductors SA616_15 Datasheet HTML 6Page - NXP Semiconductors SA616_15 Datasheet HTML 7Page - NXP Semiconductors SA616_15 Datasheet HTML 8Page - NXP Semiconductors SA616_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
SA616
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 24 July 2012
2 of 31
NXP Semiconductors
SA616
Low-voltage high performance mixer FM IF system
Spectrum analyzer
Instrumentation
FSK and ASK data receivers
Log amps
Portable high performance communication receiver
Single conversion VHF receivers
4.
Ordering information
5.
Block diagram
Table 1.
Ordering information
Tamb = 40 C to +85 C
Type number
Topside
mark
Package
Name
Description
Version
SA616DK/01
SA616DK
SSOP20
plastic shrink small outline package; 20 leads;
body width 4.4 mm
SOT266-1
SA616BS
616B
HVQFN20
plastic thermal enhanced very thin quad flat package; no leads;
20 terminals; body 4
 4  0.85 mm
SOT917-1
Pin numbers for SSOP20; HVQFN20 pins shown in parentheses.
Fig 1.
Block diagram of SA616
002aaf352
mixer
IF amp
limiter
OSC
RSSI
quad
audio
VREG
EB
20
(18)
19
(17)
18
(16)
17
(15)
16
(14)
15
(13)
14
(12)
13
(11)
12
(10)
11
(9)
1
(19)
2
(20)
3
(1)
4
(2)
5
(3)
6
(4)
7
(5)
8
(6)
9
(7)
10
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com