Electronic Components Datasheet Search
  English  ▼

X  

SA616 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SA616
Description  Low-voltage high performance mixer FM IF system
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA616 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SA616_15 Datasheet HTML 17Page - NXP Semiconductors SA616_15 Datasheet HTML 18Page - NXP Semiconductors SA616_15 Datasheet HTML 19Page - NXP Semiconductors SA616_15 Datasheet HTML 20Page - NXP Semiconductors SA616_15 Datasheet HTML 21Page - NXP Semiconductors SA616_15 Datasheet HTML 22Page - NXP Semiconductors SA616_15 Datasheet HTML 23Page - NXP Semiconductors SA616_15 Datasheet HTML 24Page - NXP Semiconductors SA616_15 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
SA616
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 24 July 2012
21 of 31
NXP Semiconductors
SA616
Low-voltage high performance mixer FM IF system
[1]
This is a 30 kHz bandwidth 455 kHz ceramic filter. Al the characterization and testing are done with this
wideband filter. A more narrowband 15 kHz bandwidth 455 kHz ceramic filter that may be used as an
alternative selection is Murata CFUKG455KE4A-R0.
Table 8.
Automatic test circuit component list
Component
Description
C1
100 pF NPO ceramic
C2
390 pF NPO ceramic
C5, C9, C14, C17, C18,
C21, C23, C25, C26, C27
100 nF
 10 % monolithic ceramic
C6
22 pF NPO ceramic
C7
1 nF ceramic
C8, C15
10 pF NPO ceramic
C10
15
F tantalum (minimum)
C12
2.2
F
FL1, FL2[1]
ceramic filter Murata CFUKF455KB4X-R0
IFT1
455 kHz (Ce = 180 pF) Toko RMC-2A6597H
L1
147 nH to 160 nH Coilcraft UNI-10/142-04J08S
L2
0.8
H nominal; Toko 292CNS-T1038Z
R9
2 k
 1 % 1/4 W metal film
R10
8.2 k
 1%
R11, R14
10 k
 1%
R12
2 k
 1%
R13
20 k
 1%
R17
2.4 k
 5 % 1/4 W carbon composition
R18
3.3 k
R19
16 k
X1
44.545 MHz crystal ICM4712701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com