Electronic Components Datasheet Search
  English  ▼

X  

LM3310 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3310
Description  Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3310 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3310 Datasheet HTML 8Page - Texas Instruments LM3310 Datasheet HTML 9Page - Texas Instruments LM3310 Datasheet HTML 10Page - Texas Instruments LM3310 Datasheet HTML 11Page - Texas Instruments LM3310 Datasheet HTML 12Page - Texas Instruments LM3310 Datasheet HTML 13Page - Texas Instruments LM3310 Datasheet HTML 14Page - Texas Instruments LM3310 Datasheet HTML 15Page - Texas Instruments LM3310 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
-40 -25 -10 5
20 35 50 65 80 95 110 125
JUNCTION TEMPERATURE (°C)
1150
1200
1250
1300
1350
1400
1450
V IN =2.5V
5
8
10 13 15 18 20 23 25 28 30
VGHM PIN VOLTAGE (V)
18
23
28
33
38
43
48
J
= 125°C
T
J
= 25°C
T
J
= -40°C
T
VGH=VGHM
IRE = 20 mA
0
4
8
12
16
20
24
28
32
VGH PIN VOLTAGE (V)
0
10
20
30
40
50
60
70
80
VFLK = high
TJ = 125°C
TJ = -40°C
TJ = 25°C
4
8
12
16
20
24
28
32
VGH PIN VOLTAGE (V)
10
12
14
16
18
20
22
24
26
28
IVGHM = 20 mA
TJ = 125°C
TJ = 25°C
TJ = -40°C
0
4
8
12
16
20
24
28
32
VGH PIN VOLTAGE (V)
0
2
4
6
8
10
12
14
16
VFLK = low
TJ = 125°C
TJ = -40°C
TJ = 25°C
65
70
75
80
85
90
95
0.01
0.10
1.00
LOAD CURRENT (A)
VOUT = 10.5V
VIN = 4.2V
VIN = 3.0V
VIN = 5.0V
LM3310
SNVS341E – AUGUST 2005 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
VGH Pin Bias Current
vs.
1.28MHz Application Efficiency
VGH Pin Voltage
Figure 29.
Figure 30.
VGH Pin Bias Current
VGH-VGHM PMOS RDSON
vs.
vs.
VGH Pin Voltage
VGH Pin Voltage
Figure 31.
Figure 32.
VGHM-RE PMOS RDSON
VGHM OFF Resistance
vs.
vs.
VGHM Pin Voltage
Temperature
Figure 33.
Figure 34.
12
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM3310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com