Electronic Components Datasheet Search
  English  ▼

X  

LM3310 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM3310
Description  Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3310 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3310 Datasheet HTML 15Page - Texas Instruments LM3310 Datasheet HTML 16Page - Texas Instruments LM3310 Datasheet HTML 17Page - Texas Instruments LM3310 Datasheet HTML 18Page - Texas Instruments LM3310 Datasheet HTML 19Page - Texas Instruments LM3310 Datasheet HTML 20Page - Texas Instruments LM3310 Datasheet HTML 21Page - Texas Instruments LM3310 Datasheet HTML 22Page - Texas Instruments LM3310 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
Hz
1
2S(RC + RO)CC
fPC =
Hz
1
fZC =
2SRCCC
t (s)
t (s)
L
i
'
IL_AVG
ID_AVG
=IOUT_AVG
D*Ts
Ts
D*Ts
Ts
IL (A)
ID (A)
L
V
IN
L
V
V
OUT
IN
L
V
V
OUT
IN
(a)
(b)
LM3310
www.ti.com
SNVS341E – AUGUST 2005 – REVISED MAY 2013
INTRODUCTION TO COMPENSATION (BOOST CONVERTER)
(a) Inductor current
(b) Diode current
Figure 48.
The LM3310 is a current mode PWM boost converter. The signal flow of this control scheme has two feedback
loops, one that senses switch current and one that senses output voltage.
To keep a current programmed control converter stable above duty cycles of 50%, the inductor must meet
certain criteria. The inductor, along with input and output voltage, will determine the slope of the current through
the inductor (see Figure 48 (a)). If the slope of the inductor current is too great, the circuit will be unstable above
duty cycles of 50%. A 10µH inductor is recommended for most 660 kHz applications, while a 4.7µH inductor may
be used for most 1.28 MHz applications. If the duty cycle is approaching the maximum of 85%, it may be
necessary to increase the inductance by as much as 2X. See INDUCTOR AND DIODE SELECTION for more
detailed inductor sizing.
The LM3310 provides a compensation pin (VC) to customize the voltage loop feedback. It is recommended that a
series combination of RC and CC be used for the compensation network, as shown in the Typical Application
Circuit. For any given application, there exists a unique combination of RC and CC that will optimize the
performance of the LM3310 circuit in terms of its transient response. The series combination of RC and CC
introduces a pole-zero pair according to the following equations:
(6)
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM3310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com