Electronic Components Datasheet Search
  English  ▼

X  

LM3310 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3310
Description  Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3310 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3310 Datasheet HTML 9Page - Texas Instruments LM3310 Datasheet HTML 10Page - Texas Instruments LM3310 Datasheet HTML 11Page - Texas Instruments LM3310 Datasheet HTML 12Page - Texas Instruments LM3310 Datasheet HTML 13Page - Texas Instruments LM3310 Datasheet HTML 14Page - Texas Instruments LM3310 Datasheet HTML 15Page - Texas Instruments LM3310 Datasheet HTML 16Page - Texas Instruments LM3310 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
0
20
40
60
80
100
120
-10
10
70
90
110
170
190
210
OP-AMP LOAD CURRENT (mA)
140
150
130
30
50
AVIN = 12V
Unity Gain, POS = AVIN/2
AVIN = 8V
AVIN = 4V
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
4
5
6
7
8
9
10
11
12
OP-AMP INPUT VOLTAGE (V)
TJ = 125
oC
Unity Gain, POS = AVIN/2
TJ = 25
oC
TJ = -40
oC
-5.7
-5.6
-5.5
-5.4
-5.3
-5.2
-5.1
-5.0
-4.9
-4.8
4
5
6
7
8
9
10
11
12
OP-AMP INPUT VOLTAGE (V)
TJ = 125
oC
Unity Gain, POS = AVIN/2
TJ = 25
oC
TJ = -40
oC
4
5
6
7
8
9
10
11
12
OP-AMP INPUT VOLTAGE (V)
100
110
120
130
140
150
160
170
POS-NEG = 0.2V
TA = 125
oC
TA = 25
oC
TA = -40
oC
4
5
6
7
8
9
10
11
12
OP-AMP INPUT VOLTAGE (V)
100
110
120
130
140
150
160
NEG-POS = 0.2V
TA = 125
oC
TA = -40
oC
TA = 25
oC
LM3310
www.ti.com
SNVS341E – AUGUST 2005 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Op-Amp Source Current
Op-Amp Sink Current
vs.
vs.
AVIN
AVIN
Figure 35.
Figure 36.
Op-Amp Quiescent Current
Op-Amp Offset Voltage
vs.
vs.
AVIN
AVIN (No Load)
Figure 37.
Figure 38.
Op-Amp Offset Voltage
vs.
Load Current
1.28MHz, 8.5V Application Boost Load Step
VOUT = 8.5V, VIN = 3.3V, COUT = 20µF
1) VOUT, 200mV/div, AC
3) ILOAD, 200mA/div, DC
T = 200µs/div
Figure 39.
Figure 40.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com