Electronic Components Datasheet Search
  English  ▼

X  

LM8850 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM8850
Description  High-Performance, Step-Up DC-DC Converter for High-Power Applications in Mobile Devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM8850 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM8850 Datasheet HTML 8Page - Texas Instruments LM8850 Datasheet HTML 9Page - Texas Instruments LM8850 Datasheet HTML 10Page - Texas Instruments LM8850 Datasheet HTML 11Page - Texas Instruments LM8850 Datasheet HTML 12Page - Texas Instruments LM8850 Datasheet HTML 13Page - Texas Instruments LM8850 Datasheet HTML 14Page - Texas Instruments LM8850 Datasheet HTML 15Page - Texas Instruments LM8850 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ack from slave
start
MSB Chip Addr LSB
SCL
ack from slave
w
MSB Register Addr LSB
rs
r
MSB
Data
LSB
stop
ack from slave
ack from master
repeated start
data from slave
SDA
start
id =0x60h
w ack
addr = h
¶01
ack
rs
r ack
0x6Ah data
ack
stop
MSB Chip Address LSB
address = 0x60h
start
MSB Chip Addr LSB
w
ack
MSB Register Addr LSB
ack
MSB
Data LSB
ack
stop
ack from slave
ack from slave
ack from slave
SCL
SDA
start
id = 0x60h
w
ack
addr = 02h
ack
ack
address h
¶0E data
stop
R/W
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
ADR6
Bit 7
Bit 6
MSB
LSB
I
2
C Slave Address (chip address)
ADR5
ADR4
ADR3
ADR2
ADR1
ADR0
LM8850
SNVS647C – AUGUST 2010 – REVISED MAY 2013
www.ti.com
Chip address: 60h
Figure 26. I2C Chip Address
Figure 27. I2C Write Cycle
•
w = write (SDA = “0”)
•
r = read (SDA = “1)
•
ack = acknowledge (SDA pulled down by either master or slave)
•
rs = repeated start
•
id = chip address
When a READ function is to be accomplished, a WRITE function must precede the READ function as shown in
the Read Cycle waveform.
Figure 28. I2C Read Cycle
HIGH-SPEED, 3.4 MHZ MODE
High-speed mode is entered by:
1. Start condition;
2. Chip Address: 0000 1XXXX (X = don't care);
3. Wait a clock for the acknowledge;
4. Now everything is in HS mode...do a repeated start (do NOT do a “stop” then a “start” because a “stop” kicks
the part out of HS mode);
5. Send read or writes in HS mode. (Remember to use “repeated starts” between commands.); then
6. When you are done with the last command send a “stop” condition to put the part back into regular 400 kHz
mode.
12
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM8850



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com