Electronic Components Datasheet Search
  English  ▼

X  

LM8850 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM8850
Description  High-Performance, Step-Up DC-DC Converter for High-Power Applications in Mobile Devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM8850 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM8850 Datasheet HTML 9Page - Texas Instruments LM8850 Datasheet HTML 10Page - Texas Instruments LM8850 Datasheet HTML 11Page - Texas Instruments LM8850 Datasheet HTML 12Page - Texas Instruments LM8850 Datasheet HTML 13Page - Texas Instruments LM8850 Datasheet HTML 14Page - Texas Instruments LM8850 Datasheet HTML 15Page - Texas Instruments LM8850 Datasheet HTML 16Page - Texas Instruments LM8850 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
7
6
5
4
3
2
1
0
MSB
LSB
Register location = 00
Output Voltage Change
0 0 0 = 3.6V
0 0 1 = 3.9V
0 1 0 = 4.2V
0 1 1 = 4.5V
1 0 0 = 4.7V
1 0 1 = 5.0V (default)
1 1 0 = 5.3V
1 1 1 = 5.7V
0 0 = 50 mV
0 1 = 100 mV (default)
1 0 = 200 mV
1 1 = 250 mV
PFM Voltage Ripple
Balance Circuit
0 = OFF
1 = ON (default)
Effective when part is enabled
Mode
0 = AUTO (PFM/PWM ± default)
1 = FORCED PWM
Ton Time
0 0 = 5s (default)
0 1 = 7.5s
1 0 = 10s
1 1 = 12.5s
`
From Register
Location 00, bits 0
and 1
FromRegister Location
01, bit 5
LM8850
www.ti.com
SNVS647C – AUGUST 2010 – REVISED MAY 2013
I2C-COMPATIBLE CHIP ADDRESS
The device address for LM8850 is 60 (HEX).
Table 2. Register Information and Details
Register name
Location
Type
Register
CONTROL
0
R/W
Control Register 1
CONTROL
1
R/W
Control Register 2
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM8850



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com