Electronic Components Datasheet Search
  English  ▼

X  

LM8850 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM8850
Description  High-Performance, Step-Up DC-DC Converter for High-Power Applications in Mobile Devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM8850 Datasheet(HTML) 2 Page - Texas Instruments

  LM8850 Datasheet HTML 1Page - Texas Instruments LM8850 Datasheet HTML 2Page - Texas Instruments LM8850 Datasheet HTML 3Page - Texas Instruments LM8850 Datasheet HTML 4Page - Texas Instruments LM8850 Datasheet HTML 5Page - Texas Instruments LM8850 Datasheet HTML 6Page - Texas Instruments LM8850 Datasheet HTML 7Page - Texas Instruments LM8850 Datasheet HTML 8Page - Texas Instruments LM8850 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LM8850
SNVS647C – AUGUST 2010 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
High-switching frequency enables smaller passive components. Internal compensation is used for a broader
range of inductor and output capacitor values to meet system demand and achieve small system solution size.
LM8850 is available in a 9-bump ultra-thin DSBGA package. Only four external surface-mount components, a 1.0
µH inductor, a 4.7 µF for input capacitor, 4.7 µF for output capacitor and 0.05F-1.0F supercapacitor for energy
storage are required.
Connection Diagram
Figure 1. 9-Bump Ultra-Thin DSBGA Package
See Package Number YPD0009
PIN DESCRIPTIONS
Pin #
Name
Description
A1
VIN
Power Supply Input. Connect to input filter capacitor (See Typical Application
Circuit)
A2
SW
Switching node. Connection to the internal NFET switch and PFET synchronous
rectifier
A3
GND
Ground Pin
B1
SDA
I2C data (Use a 2k
Ω pull-up resistor)
B2
PG
Power Good indicator
B3
VOUT
Output pin.
C1
SCLK
I2C Clock (Use a 2k
Ω pull-up resistor)
C2
EN
Enable pin. The device is in shutdown when voltage to this pin is <0.4V and enabled
when >1.2V. Do not leave this pin floating.
C3
BAL
Balancing pin for active voltage balancing of supercapacitor
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM8850



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com