Electronic Components Datasheet Search
  English  ▼

X  

PCM4220 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4220
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4220 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM4220 Datasheet HTML 5Page - Texas Instruments PCM4220 Datasheet HTML 6Page - Texas Instruments PCM4220 Datasheet HTML 7Page - Texas Instruments PCM4220 Datasheet HTML 8Page - Texas Instruments PCM4220 Datasheet HTML 9Page - Texas Instruments PCM4220 Datasheet HTML 10Page - Texas Instruments PCM4220 Datasheet HTML 11Page - Texas Instruments PCM4220 Datasheet HTML 12Page - Texas Instruments PCM4220 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
TYPICAL CHARACTERISTICS
Frequency(Hz)
0
-
20
-
40
-
60
-
80
-
100
-
120
-
140
-
160
-
180
1k
100
20
10k
20k
f =48kHz
f
=997kHz,
60dB
S
IN
-
Frequency(Hz)
0
-
20
-
40
-
60
-
80
-
100
-
120
-
140
-
160
-
180
1k
100
20
10k
20k
f =48kHz
IdleChannel(noinput)
S
InputFrequency(Hz)
-
60
-
70
-
80
-
90
-
100
-
110
-
120
-
130
1k
100
20
10k
20k
f =48kHz
InputAmplitude=
1dB
BW=22Hzto20kHz
S
-
InputAmplitude(dB)
-
60
-
70
-
80
-
90
-
100
-
110
-
120
-
130
-
40
-
120
-
140
-
20
0
-
100
-
80
-
60
f =48kHz
f
=997Hz
BW=22Hzto20kHz
S
IN
InputFrequency(kHz)
0
-
20
-
100
-
120
-
140
-
160
-
180
-
200
10
2
0
12
20
4
6
8
-
80
-
60
-
40
14
16
18
f =48kHz
S
LeftChannel
RightChannel
InputAmplitude(dB)
0
-
20
-
40
-
60
-
80
-
100
-
120
-
140
-
40
-
120
-
140
-
20
0
-
100
-
80
-
60
f =48kHz
S
PCM4220
www.ti.com............................................................................................................................................. SBAS407C – DECEMBER 2006 – REVISED AUGUST 2009
At TA = +25°C, VCC1 = VCC2 = +4.0V, and VDD = +3.3V, unless otherwise noted.
FFT PLOT
FFT PLOT
Figure 3.
Figure 4.
THD+N vs INPUT FREQUENCY
THD+N vs INPUT AMPLITUDE
Figure 5.
Figure 6.
CHANNEL SEPARATION vs INPUT FREQUENCY
LINEARITY
Figure 7.
Figure 8.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PCM4220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com