Electronic Components Datasheet Search
  English  ▼

X  

PCM4220 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4220
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4220 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM4220 Datasheet HTML 20Page - Texas Instruments PCM4220 Datasheet HTML 21Page - Texas Instruments PCM4220 Datasheet HTML 22Page - Texas Instruments PCM4220 Datasheet HTML 23Page - Texas Instruments PCM4220 Datasheet HTML 24Page - Texas Instruments PCM4220 Datasheet HTML 25Page - Texas Instruments PCM4220 Datasheet HTML 26Page - Texas Instruments PCM4220 Datasheet HTML 27Page - Texas Instruments PCM4220 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
TYPICAL CONNECTIONS
AGND
VINR
-
VINR+
VCC1
AGND
AGND
AGND
AGND
VCC2
VINL
-
VINL+
1
2
3
4
PCM4220PFB
100nFto1 F
m
LeftChannel
AnalogInput
+4.0V
100nF
+
100 F
m
FromHost,Logic,
orManualControls
5
6
7
8
9
12
13
14
15
16
17
18
19
20
21
22
23
24
AGND
VCOML
REFGNDL
VREFL
PCMEN
HPFDR
HPFDL
FS0
FS1
DF
DGND
DGND
DGND
100 F
m
+
100nF
100nF
+
100 F
m
10
11
RightChannel
AnalogInput
VCOMR
REFGNDR
VREFR
DGND
FMT0
FMT1
OWL0
OWL1
DGND
S/M
OVFR
48
47
46
45
FromHost,Logic,
orManualControls
ToHostand/orClippingIndicators
FromHostorMasterReset
FromAudioMasterClockSource
Audio
DSPorHost
44
43
42
41
40
37
36
35
34
33
32
31
30
29
28
27
26
25
OVFL
RST
MCKI
LRCK
BCK
DATA
VDD
DGND
NC
NC
NC
SUB0
SUB1
100nF
+3.3V
+
100 F
m
39
38
100nF
+
100 F
m
100nFto1 F
m
RequiredonlyforTDMdataformats.
Thesepinsareignoredforallotherformats.
INPUT BUFFER CIRCUITS
PCM4220
SBAS407C – DECEMBER 2006 – REVISED AUGUST 2009............................................................................................................................................. www.ti.com
Figure 44 provides a typical connection diagram for the PCM4220. Recommended power-supply bypass and
reference filter capacitors are shown. These components should be located as close to the corresponding
PCM4220 package pins as physically possible. Larger power-supply bypass capacitors may be placed on the
bottom side of the printed circuit board (PCB). However, reference decoupling capacitors should be located on
the top side of the PCB to avoid issues with added via inductance.
As Figure 44 illustrates, the audio host device may be a digital signal processor (DSP), digital audio interface
transmitter (DIT), or a programmable logic device.
Figure 44. Typical Connections for PCM and DSD Output Modes
The PCM4220 is typically preceded in an application by an input buffer or preamplifier circuit. The input circuit is
required to perform anti-aliasing filtering, in addition to application-specific analog gain scaling, limiting, or
processing that may be needed. At a minimum, first-order, low-pass anti-aliasing filtering is necessary. The input
buffer must be able to perform the input filtering requirement, in addition to driving the switched-capacitor inputs
of the PCM4220 device. The buffer must have adequate bandwidth, slew rate, settling time, and output drive
capability to perform these tasks.
Figure 45 illustrates the input buffer/filter circuit utilized on the PCM4222EVM evaluation module, where the
PCM4222 analog input section is identical to the PCM4220. This circuit has been optimized for measurement
purposes, so that it does not degrade the dynamic characteristics of the PCM4220. The resistors are primarily
0.1% metal film. The 40.2
Ω resistor is 1% tolerance thick film. The 1nF and 2.7nF capacitors may be either PPS
24
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): PCM4220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com