Electronic Components Datasheet Search
  English  ▼

X  

PCM4220 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM4220
Description  High-Performance, Two-Channel, 24-Bit, 216kHz Sampling Multi-Bit Delta-Sigma Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4220 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM4220 Datasheet HTML 9Page - Texas Instruments PCM4220 Datasheet HTML 10Page - Texas Instruments PCM4220 Datasheet HTML 11Page - Texas Instruments PCM4220 Datasheet HTML 12Page - Texas Instruments PCM4220 Datasheet HTML 13Page - Texas Instruments PCM4220 Datasheet HTML 14Page - Texas Instruments PCM4220 Datasheet HTML 15Page - Texas Instruments PCM4220 Datasheet HTML 16Page - Texas Instruments PCM4220 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
NormalizedFrequency(f )
S
0
-
3
-
4
-
6
0.46
0.42
0.41
0.47
0.51
0.43 0.44 0.45
0.48
-
2
-
1
0.49 0.50
-
5
f =48kHz
TransitionBandDetail
S
NormalizedFrequency(f )
S
0
-
150
-
200
2.0
0.5
0
2.5
4.0
1.0
1.5
-
100
-
50
3.0
3.5
f =48kHz(fastmode)
OverallFrequencyResponse
S
NormalizedFrequency(f )
S
0
-
10
-
50
-
60
-
70
-
80
-
90
-
100
0.5
0.1
0
0.6
1.0
0.2
0.3
0.4
-
40
-
30
-
20
0.7
0.8
0.9
f =48kHz(fastmode)
StopBandDetail
S
NormalizedFrequency(f )
S
2.0
1.5
0.5
0
-
0.5
-
1.0
-
1.5
-
2.0
0.20
0.05
0
0.25
0.45
0.10
0.15
1.0
0.30
0.35
0.40
f =48kHz(fastmode)
PassbandRippleDetail
S
PCM4220
www.ti.com............................................................................................................................................. SBAS407C – DECEMBER 2006 – REVISED AUGUST 2009
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VCC1 = VCC2 = +4.0V, and VDD = +3.3V, unless otherwise noted.
DIGITAL DECIMATION FILTER, LOW GROUP DELAY
DIGITAL DECIMATION FILTER, CLASSIC RESPONSE
RESPONSE
Transition Band Detail
Overall Frequency Response
Figure 27.
Figure 28.
DIGITAL DECIMATION FILTER, LOW GROUP DELAY
DIGITAL DECIMATION FILTER, LOW GROUP DELAY
RESPONSE
RESPONSE
Stop Band Detail
Passband Ripple Detail
Figure 29.
Figure 30.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): PCM4220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com