Electronic Components Datasheet Search
  English  ▼

X  

M35054 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M35054
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS????
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35054 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M35054 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M35054 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M35054 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M35054 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35054 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35054 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35054 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35054 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35054 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
M35054-XXXFP/M35055-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
DESCRIPTION
The M35054-XXXFP and M35055-XXXFP are TV screen display con-
trol IC which can be used to display information such as number of
channels, the date and messages and program schedules on the TV
screen.
In particular, owing to the built-in SYNC-SEP (synchronous separa-
tion) circuit, the synchronous correction circuit, external circuits can
be decrease and character turbulence that occurs when superim-
posing can be reduced. The processor is suitable for AV systems
such as VTRs, LDs, and so on.
It is a silicon gate CMOS process and M35054-XXXFP and M35055-
XXXFP are housed in a 20-pin shrink SOP package.
For M35054-001FP/M35055-001FP that are a standard ROM ver-
sions of M35054-XXXFP/M35055-XXXFP respectively, the charac-
ter pattern is also mentioned.
FEATURES
• Screen composition .............................. 24 characters ! 10 lines,
32 characters ! 7 lines
• Number of characters displayed .................................. 240 (Max.)
• Character composition ..................................... 12 ! 18 dot matrix
• Characters available ............................. 128 characters (M35054)
............................. 256 characters (M35055)
• Character sizes available .................... 4 (horizontal) ! 4 (vertical)
• Display locations available
Horizontal direction ............................................... 240 locations
Vertical direction ................................................... 256 locations
• Blinking ................................................................. Character units
Cycle : approximately 1 second, or approximately 0.5 seconds
Duty : 25%, 50%, or 75%
• Data input.............................. By the serial input function (16 bits)
• Coloring
Background coloring (composite video signal)
• Blanking
Total blanking (14 ! 18 dots)
Border size blanking
Character size blanking
• Synchronizing signal
Composite synchronizing signal generation
(PAL, NTSC, M-PAL)
• 2 output ports (1 digital line)
• Oscillation stop function
It is possible to stop the oscillation for synchronizing signal
generation
• Built-in half-tone display function
• Built-in reversed character display function
• Built-in synchronous correction circuit
• Built-in synchronous separation circuit
APPLICATION
TV, VCR, Movie
PIN CONFIGURATION (TOP VIEW)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
CP1
TESTA
CS
SCK
SIN
AC
VDD2
CVIDEO
LECHA
CVIN
VDD1
HOR
CP2
OSCIN
VSS
P1
P0
TESTB
TESTC
VSS
Outline 20P2Q-A
→
→
→
←
←
→
→
→
→
→
→
←
←
REV.1.1


Similar Part No. - M35054

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M35054 RENESAS-M35054 Datasheet
487Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35054-XXXFP RENESAS-M35054-XXXFP Datasheet
487Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results

Similar Description - M35054

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35053 MITSUBISHI-M35053 Datasheet
298Kb / 47P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
M35061 MITSUBISHI-M35061 Datasheet
273Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35062 MITSUBISHI-M35062 Datasheet
287Kb / 44P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35072 MITSUBISHI-M35072 Datasheet
245Kb / 52P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???????
logo
Renesas Technology Corp
M35012-XXXSP RENESAS-M35012-XXXSP Datasheet
1Mb / 38P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35014-XXXSP RENESAS-M35014-XXXSP Datasheet
2Mb / 42P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35047-XXXSP RENESAS-M35047-XXXSP Datasheet
520Kb / 43P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35062 RENESAS-M35062 Datasheet
489Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35074 RENESAS-M35074 Datasheet
461Kb / 44P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35076 RENESAS-M35076 Datasheet
517Kb / 46P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com