Electronic Components Datasheet Search
  English  ▼

X  

M35054 Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # M35054
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS????
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35054 Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button M35054 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35054 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35054 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35054 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35054 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35054 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35054 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35054 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35054 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
M35054-XXXFP/M35055-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
11
Register
DSP0
DSP1
DSP2
DSP3
DSP4
DSP5
DSP6
DSP7
DSP8
DSP9
SPACE
TEST34
TEST35
TEST36
Contents
DA
0~D
0
1
2
3
4
5
6
7
8
9
A
B
C
D
Function
Normal display
Put a space line between line 2 and line 3, and
between line 8 and line 9.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
DSPn= “0”
Matrix-outline size
Character size
Border size
Matrix-outline size
BLK1
0
0
1
1
BLK0
0
1
0
1
DSPn= “1”
Matrix-outline border
size
Border size
Matrix-outline size
Character size
Status
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
(5) Address F416
Depends on BLK0 and BLK1 (address F816)
DSPn in the generic name for DSP0 to DSP9.
DSP0 to DSP9 are each controlled independently.
Remarks
Set the display mode of line 1.
Set the display mode of line 2.
Set the display mode of line 3.
Set the display mode of line 4.
Set the display mode of line 5.
Set the display mode of line 6.
Set the display mode of line 7.
Set the display mode of line 8.
Set the display mode of line 9.
Set the display mode of line 10.
Put a space line between line 2
and line 3 in displaying 32
characters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com