Electronic Components Datasheet Search
  English  ▼

X  

M35054 Datasheet(PDF) 16 Page - Mitsubishi Electric Semiconductor

Part # M35054
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS????
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35054 Datasheet(HTML) 16 Page - Mitsubishi Electric Semiconductor

Back Button M35054 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M35054 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M35054 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M35054 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M35054 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M35054 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M35054 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M35054 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35054 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
M35054-XXXFP/M35055-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
16
Supplemental explanation about display control register
(1) How to effect synchronous separation from composite video signals
Synchronous separation is effected as follows depending on the width of L-level of the vertical synchronous period.
1. Less than 8.4
µs ······ Not to be determined to be a vertical synchronous signal.
2. Equal to or higher than 8.4
µs but less than 15.6µs ······ When two clocks continue, if take place, it is “L” period is determined to be a
vertical synchronization signal.
3. Equal to or higher than 15.6
µs ······ It is “L” period is determined to be a vertical synchronous signal with no condition.
The determination is made at the timing indicated by V in Fig.4 either in case 2 or in case 3.
Fig. 5 The method of synchronous separation from composite video signal.
8.4
µs
15.6
µs
Vertical synchronous signal
Composite video signal
V
8.4
µs
Equalizing pulse
Sequence of synchronizing pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com