Electronic Components Datasheet Search
  English  ▼

X  

BL8092 Datasheet(PDF) 7 Page - SHANGHAI BELLING CO., LTD.

Part # BL8092
Description  18V (30V spike)2.5A Synchronous PFM/PWM Buck Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8092 Datasheet(HTML) 7 Page - SHANGHAI BELLING CO., LTD.

  BL8092 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8092 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8092 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8092 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8092 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8092 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8092 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.belling.com.cn
7
BL8092
PACKAGE OUTLINE
Package
SOP8
Devices per reel
2500
Unit
mm
Package specification:
Package
ESOP8
Devices per reel
2500
Unit
mm
Package specification:



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com