Electronic Components Datasheet Search
  English  ▼

X  

BL8092 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL8092
Description  18V (30V spike)2.5A Synchronous PFM/PWM Buck Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8092 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL8092 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8092 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8092 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8092 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8092 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8092 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8092 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.belling.com.cn
3
BL8092
ABSOLUTE MAXIMUM RATING
Parameter
Value
Max Input Voltage
30V
Max Operating Junction Temperature(Tj)
125C
Ambient Temperature(Ta)
-20C – 85C
Package Thermal Resistance (jc)
SOP-8L
45C / W
ESOP-8L
10C / W
Storage Temperature(Ts)
-40C - 150C
Lead Temperature & Time
260C, 10S
ESD (HBM)
>2000V
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect
device reliability.
RECOMMENDED WORK CONDITIONS
Parameter
Value
Input Voltage Range
Max. 18V
Operating Junction Temperature(Tj)
-20C –125C
ELECTRICAL CHARACTERISTICS
(VIN=12V, TA=25C)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Input Voltage Range
3.5
18
V
Vref
Feedback Voltage
Vin=12V, Ven=5V
0.900
0.923
0.946
V
VUVLO
UVLO Voltage
Vin H-->L, Iout=0.5A
3.4
V
Ifb
Feedback Leakage current
0.1
0.4
uA
Iq
Quiescent Current
Active, Vfb=1V, No Switching
1.1
1.5
mA
Shutdown, Vin=8V
6
10
uA
LnReg
Line Regulation
Vin=5V to 12V
0.1
%/V
LdReg
Load Regulation
Iout=0.1 to 2A
0.02
%/A
Fsoc
Switching Frequency
Ven=2V, Vin=12V
340
KHz
RdsonP
PMOS Rdson
130
mohm
RdsonN
NMOS Rdson
110
mohm
Ilimit
Peak Current Limit
3.8
A
Venh
EN High Threshold
1
1.5
2
V
Venl
EN Low Threshold
0.5
V
Vovp
Input Over-Voltage Protection
Ven=2V
19
V
TSD
Over Temperature Proection
160
C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com