Electronic Components Datasheet Search
  English  ▼

X  

BL8092 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8092
Description  18V (30V spike)2.5A Synchronous PFM/PWM Buck Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8092 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8092 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8092 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8092 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8092 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8092 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8092 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8092 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.belling.com.cn
1
18V (30V spike)2.5A Synchronous PFM/PWM Buck Converter
BL8092
DESCRIPTION
The BL8092 is a high efficiency current-mode
synchronous, 18V/2.5A buck converter. Its input
voltage ranges from 3.5V to 18V and it provides
an adjustable regulated output voltage from
0.923V to 15V while delivering up to 2A of output
current.
The internal synchronous switches increase
efficiency and eliminate the need for an external
Schottky diode. The switching frequency is set to
340KHz. And the BL8092 will automatically switch
between PFM and PWM mode based on the load
current, thus to enhance the converter efficiency
at light load.
BL8092 consists of many protection block such as
UVLO, input voltage over voltage protection to
stand much higher input voltage spike, thermal
protection and output short circuit protection.
The BL8092 is available in the SOP8 and ESOP8
(with exposed pad for heat dissipation) package.
FEATURES
 Adjustable Output Voltage, Vfb=0.923V
 Maximum output current is 2.5A
 Range of operation input voltage: Max 18V
 UVLO: 3.4V (typ.)
 Withstand input voltage spike >30V
 Standby current: 1mA (typ.)
 Operating current at zero load: 1.2mA (typ.)
 Line regulation: 0.1%/V (typ.)
 Load regulation: 10mV (typ.)
 High efficiency, up to 95%
 Environment Temperature: -20C~85C
APPLICATIONS
 Set-top-box
 Consumer Electronic Device for automobile
 LCD Monitor and LCD TV
 Portable DVD
 ADSL Modem, WLAN router
 Other 12V or double cell Li-ion battery
powered device
TYPICAL APPLICATION
LC2321
BST
VIN
SW
GND
SS
EN
COMP
FB
10uH
VIN
10uF
10nF
0.1uF
100K
3.3nF
5.6K
VOUT
3.3V/2A
22uF
x2
26.1K
10K
*Cc optional
* When Vin is as low as 5V, Cc is recommended to
be 100pf, but not needed when Vin larger than 5V.
PIN OUT
LC2321
BST
VIN
SW
GND
SS
EN
COMP
FB
SOP8 and ESOP8
PFM at Light Load
0
1
2
3
4
5
6
7
0
5
10
15
20
Vin(V)
Zero Load Operating Current vs. Vin
LC2322
LC2322
BL8092
BL8092


Similar Part No. - BL8092

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8091 BELLING-BL8091 Datasheet
963Kb / 7P
18V (30V spike) 2A Synchronous PFM/PWM Buck Converter
BL8095 BELLING-BL8095 Datasheet
658Kb / 6P
24V-1.2A Asynchronous Buck Converter in SOT23-6
BL8095 BELLING-BL8095 Datasheet
924Kb / 6P
24V/1.2A Asynchronous Buck Converter in SOT23-6
BL8095CB6TR BELLING-BL8095CB6TR Datasheet
658Kb / 6P
24V-1.2A Asynchronous Buck Converter in SOT23-6
BL8095CB6TR BELLING-BL8095CB6TR Datasheet
924Kb / 6P
24V/1.2A Asynchronous Buck Converter in SOT23-6
More results

Similar Description - BL8092

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8091 BELLING-BL8091 Datasheet
963Kb / 7P
18V (30V spike) 2A Synchronous PFM/PWM Buck Converter
BL9382 BELLING-BL9382 Datasheet
940Kb / 7P
18V (30V spike) 2A Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE724 ACE-ACE724 Datasheet
732Kb / 10P
18V (30V spike) 2A Synchronous PFM/PWM Buck Converter
VER 1.3
logo
Exar Corporation
XRP7674 EXAR-XRP7674 Datasheet
737Kb / 12P
2A 18V Synchronous PFM/PWM Step-Down Regulator
XRP7675 EXAR-XRP7675 Datasheet
784Kb / 12P
3A 18V Synchronous PFM/PWM Step-Down Regulator
logo
ACE Technology Co., LTD...
ACE724C ACE-ACE724C Datasheet
761Kb / 10P
18V 2A Synchronous PFM/PWM Buck Converter
VER 1.5
logo
Shenzhen Huazhimei Semi...
HM3410B HMSEMI-HM3410B Datasheet
1Mb / 10P
PWM/PFM Control DC-DC Buck Converter
HM3416H HMSEMI-HM3416H Datasheet
1Mb / 11P
PWM/PFM Control DC-DC Buck Converter
logo
ACE Technology Co., LTD...
ACE7259C ACE-ACE7259C Datasheet
346Kb / 4P
500KHz, 18V, 2.5A Synchronous Step-Down Converter
VER 1.2
logo
Diodes Incorporated
AP62250 DIODES-AP62250 Datasheet
1Mb / 21P
4.2V TO 18V INPUT, 2.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 January 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com