Electronic Components Datasheet Search
  English  ▼

X  

BLM2004NE Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BLM2004NE
Description  N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BLM2004NE Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BLM2004NE Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BLM2004NE Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BLM2004NE Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BLM2004NE Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BLM2004NE Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BLM2004NE Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
V2.1
= 22m
= 17m
www.belling.com.cn
Page1
BLM2004NE
Pb Free Product
N-Channel Enhancement Mode Power MOSFET
Description
The BLM2004NE uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages as low as 2.5V. This device is suitable for use as a
load switch or in PWM applications .It is ESD protested.
General Features
● VDS = 20V,ID =6A
ESD Rating: 2000V HBM
● High Power and current handing capability
● Lead free product is acquired
● Surface Mount Package
Application
●PWM application
●Load switch
Schematic diagram
Marking and pin Assignment
SOT23-6L top view
Package Marking And Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
2004NE
BLM2004NE
SOT23-6L
Ø330mm
12mm
3000 units
Absolute Maximum Ratings (TA=25℃
℃
℃
℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
Drain Current-Continuous
ID
6
A
Drain Current-Pulsed (Note 1)
IDM
30
A
Maximum Power Dissipation
PD
1.25
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
100
/W
℃
=2.5V
=4.5V
Typ.RDS(ON)
Ω @ VGS
Typ.RDS(ON)
Ω @ VGS


Similar Part No. - BLM2004NE

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BLM2006NE BELLING-BLM2006NE Datasheet
316Kb / 6P
N-Channel Enhancement Mode Power MOSFET
BLM2008E BELLING-BLM2008E Datasheet
252Kb / 6P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - BLM2004NE

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com