Electronic Components Datasheet Search
  English  ▼

X  

BLM2004NE Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BLM2004NE
Description  N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BLM2004NE Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BLM2004NE Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BLM2004NE Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BLM2004NE Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BLM2004NE Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BLM2004NE Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BLM2004NE Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.belling.com.cn
Page2
BLM2004NE
Pb Free Product
Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250µA
20
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V,VGS=0V
-
-
1
µA
Gate-Body Leakage Current
IGSS
VGS=±10V,VDS=0V
-
-
±10
µA
On Characteristics (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250µA
0.45
0.7
1.0
V
VGS=4.5V, ID=6A
-
17
24
m
Drain-Source On-State Resistance
RDS(ON)
VGS=2.5V, ID=5A
-
22
30
m
Forward Transconductance
gFS
VDS=5V,ID=6A
-
20
-
S
Dynamic Characteristics (Note4)
Input Capacitance
Clss
-
650
-
PF
Output Capacitance
Coss
-
140
-
PF
Reverse Transfer Capacitance
Crss
VDS=10V,VGS=0V,
F=1.0MHz
-
60
-
PF
Switching Characteristics (Note 4)
Turn-on Delay Time
td(on)
-
0.5
nS
Turn-on Rise Time
tr
-
1
nS
Turn-Off Delay Time
td(off)
-
12
nS
Turn-Off Fall Time
tf
VDD=10V,RL=1. 5
VGS=5V,RGEN=3
-
4
nS
Total Gate Charge
Qg
-
8
nC
Gate-Source Charge
Qgs
-
2.5
-
nC
Gate-Drain Charge
Qgd
VDS=10V,ID=6A,
VGS=4.5V
-
3
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=1A
-
-
1.2
V
Diode Forward Current (Note 2)
IS
-
-
6
A
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300µs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production
V2.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com