Electronic Components Datasheet Search
  English  ▼

X  

BLM2004NE Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BLM2004NE
Description  N-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BLM2004NE Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BLM2004NE Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BLM2004NE Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BLM2004NE Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BLM2004NE Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BLM2004NE Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BLM2004NE Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.belling.com.cn
Page3
BLM2004NE
Pb Free Product
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
Vgs
Rgen
Vin
G
Vdd
Rl
Vout
S
D
Figure 1:Switching Test Circuit
TJ-Junction Temperature(℃)
Figure 3 Power Dissipation
Vds Drain-Source Voltage (V)
Figure 5 Output CHARACTERISTICS
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
V
IN
V
OUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
Figure 2:Switching Waveforms
Vds Drain-Source Voltage (V)
Figure 4
Safe Operation Area
ID- Drain Current (A)
Figure 6 Drain-Source On-Resistance
V2.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com