Electronic Components Datasheet Search
  English  ▼

X  

OMAP4460 Datasheet(PDF) 7 Page - Texas Instruments

Part # OMAP4460
Description  Multimedia Device Engineering Sample ES1.0 ES1.1
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP4460 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OMAP4460 Datasheet HTML 3Page - Texas Instruments OMAP4460 Datasheet HTML 4Page - Texas Instruments OMAP4460 Datasheet HTML 5Page - Texas Instruments OMAP4460 Datasheet HTML 6Page - Texas Instruments OMAP4460 Datasheet HTML 7Page - Texas Instruments OMAP4460 Datasheet HTML 8Page - Texas Instruments OMAP4460 Datasheet HTML 9Page - Texas Instruments OMAP4460 Datasheet HTML 10Page - Texas Instruments OMAP4460 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
10
1
100
FREQUENCY (Hz)
1
10
100
100k
1k
10k
VS = 30V
VCM = 15V
FREQUENCY (Hz)
10k
1k
100
100k
1M
10M
10
0
180
20
40
60
80
100
120
140
160
FREQUENCY (Hz)
100
10k
100M
1k
10
100k 1M
10M
1
-14
-12
-10
-8
-6
-4
-2
0
2
0 dB = 1 VPP
2.5
4.5
6.5
8.5 10.5 12.5 14.5 16.5 18.5
SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
2.5
4.5
6.5
8.5 10.5 12.5 14.5 16.5 18.5
SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
LMP8671, LMP8672, LMP8674
www.ti.com
SNOSB39B – JULY 2011 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Output Voltage vs Supply Voltage
Output Voltage vs Supply Voltage
THD+N = 1%, RL = 2kΩ
THD+N = 1%, RL = 600Ω
Figure 16.
Figure 17.
Crosstalk vs Frequency
VCC = 15V, VEE = –15V, RL = 2kΩ
Full Power Bandwidth vs Frequency
Figure 18.
Figure 19.
Gain Phase vs Frequency
Voltage Noise Density vs Frequency
Figure 20.
Figure 21.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMP8671 LMP8672 LMP8674



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com