Electronic Components Datasheet Search
  English  ▼

X  

OMAP4460 Datasheet(PDF) 8 Page - Texas Instruments

Part # OMAP4460
Description  Multimedia Device Engineering Sample ES1.0 ES1.1
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP4460 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OMAP4460 Datasheet HTML 4Page - Texas Instruments OMAP4460 Datasheet HTML 5Page - Texas Instruments OMAP4460 Datasheet HTML 6Page - Texas Instruments OMAP4460 Datasheet HTML 7Page - Texas Instruments OMAP4460 Datasheet HTML 8Page - Texas Instruments OMAP4460 Datasheet HTML 9Page - Texas Instruments OMAP4460 Datasheet HTML 10Page - Texas Instruments OMAP4460 Datasheet HTML 11Page - Texas Instruments OMAP4460 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
0
10
20
30
40
50
60
70
80
-2
-1.2 -1.1
-1
-0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1
0
0.1
2
TcVos (uV/C)
0
5
10
15
20
25
30
35
40
45
Vos (uV)
10
1
100
FREQUENCY (Hz)
1
10
100
100k
1k
1.5 pA/ Hz
10k
VS = 30V
VCM = 15V
LMP8671, LMP8672, LMP8674
SNOSB39B – JULY 2011 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Current Noise Density vs Frequency
Figure 22.
Offset Voltage Distribution
VCC = ±20V
Figure 23.
TcVos Distribution
VCC = ±20V
Figure 24.
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP8671 LMP8672 LMP8674



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com