Electronic Components Datasheet Search
  English  ▼

X  

OMAP4460 Datasheet(PDF) 2 Page - Texas Instruments

Part # OMAP4460
Description  Multimedia Device Engineering Sample ES1.0 ES1.1
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP4460 Datasheet(HTML) 2 Page - Texas Instruments

  OMAP4460 Datasheet HTML 1Page - Texas Instruments OMAP4460 Datasheet HTML 2Page - Texas Instruments OMAP4460 Datasheet HTML 3Page - Texas Instruments OMAP4460 Datasheet HTML 4Page - Texas Instruments OMAP4460 Datasheet HTML 5Page - Texas Instruments OMAP4460 Datasheet HTML 6Page - Texas Instruments OMAP4460 Datasheet HTML 7Page - Texas Instruments OMAP4460 Datasheet HTML 8Page - Texas Instruments OMAP4460 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LMP8671, LMP8672, LMP8674
SNOSB39B – JULY 2011 – REVISED MARCH 2013
www.ti.com
Figure 3. See Package Number — D0014A
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Power Supply Voltage (VS = V
+ - V-)
46V
Storage Temperature
−65°C to 150°C
Input Voltage
(V-) - 0.7V to (V+) + 0.7V
Output Short Circuit(4)
Continuous
Power Dissipation
Internally Limited
ESD Rating(5)
2000V
ESD Rating(6)
Pins 1, 4, 7 and 8
200V
Pins 2, 3, 5 and 6
100V
Junction Temperature
150°C
Thermal Resistance
θJA (SO)
145°C/W
For soldering specifications, http://www.ti.com/lit/SNOA549
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. All
voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(4)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature,
TA. The maximum allowable power dissipation is PDMAX = (TJMAX - TA) / θJA or the number given in Absolute Maximum Ratings,
whichever is lower.
(5)
Human body model, applicable std. JESD22-A114C.
(6)
Machine model, applicable std. JESD22-A115-A.
Operating Ratings
Temperature Range TMIN ≤ TA ≤ TMAX
−40°C ≤ TA ≤ 125°C
Supply Voltage Range LMP8671/2/4
±2.5V
≤ VS ≤ ±22V
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP8671 LMP8672 LMP8674



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com