Electronic Components Datasheet Search
  English  ▼

X  

OMAP4470 Datasheet(PDF) 17 Page - Texas Instruments

Part # OMAP4470
Description  Multimedia Device Engineering Sample ES1.0
PDF  450 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP4470 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OMAP4470 Datasheet HTML 13Page - Texas Instruments OMAP4470 Datasheet HTML 14Page - Texas Instruments OMAP4470 Datasheet HTML 15Page - Texas Instruments OMAP4470 Datasheet HTML 16Page - Texas Instruments OMAP4470 Datasheet HTML 17Page - Texas Instruments OMAP4470 Datasheet HTML 18Page - Texas Instruments OMAP4470 Datasheet HTML 19Page - Texas Instruments OMAP4470 Datasheet HTML 20Page - Texas Instruments OMAP4470 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 450 page
background image
Public Version
OMAP4470
www.ti.com
SWPS048A – AUGUST 2012 – REVISED JANUARY 2013
5-111
ABE SlimBus1, SlimBus2 Switching Characteristics
....................................................................... 320
5-112
ABE SlimBus1, SlimBus2 Timing Conditions
............................................................................... 321
5-113
ABE SlimBus1, SlimBus2 Timing Requirements
........................................................................... 321
5-114
ABE SlimBus1, SlimBus2 Switching Characteristics
....................................................................... 322
5-115
HSI1 Timing Conditions—Transmit and Receive Modes—1.2 V
......................................................... 323
5-116
HSI1 Timing Requirements—Receive Mode—1.2 V
....................................................................... 323
5-117
HSI1 Switching Characteristics—Transmit Mode—1.2 V
................................................................. 324
5-118
HSI1 Timing Conditions—Transmit and Receive Modes—1.8 V
......................................................... 324
5-119
HSI1 Timing Requirements—Receive Mode—1.8 V
....................................................................... 324
5-120
HSI1 Switching Characteristics—Transmit Mode—1.8 V
................................................................. 325
5-121
HSI1 Additional Switching Characteristics—Transmit Mode—1.8 V—OPP100
........................................ 325
5-122
HSI2 Timing Conditions—Transmit and Receive Modes—1.2 V
......................................................... 326
5-123
HSI2 Timing Requirements—Receive Mode—1.2 V
....................................................................... 326
5-124
HSI2 Switching Characteristics—Transmit Mode—1.2 V
................................................................. 327
5-125
HSI2 Timing Conditions—Transmit and Receive Modes—1.8 V
......................................................... 327
5-126
HSI2 Timing Requirements—Receive Mode—1.8 V
....................................................................... 328
5-127
HSI2 Switching Characteristics—Transmit Mode—1.8 V
................................................................. 328
5-128
HSI2 Additional Switching Characteristics—Transmit Mode—1.8 V—OPP100
........................................ 328
5-129
High-Speed USB USBA0 Timing Conditions—ULPI SDR—Slave Mode—1.8 V
...................................... 330
5-130
High-Speed USB USBA0 Timing Requirements—ULPI SDR—Slave Mode—1.8 V
.................................. 330
5-131
High-Speed HSUSB USBA0 Switching Characteristics—ULPI SDR—Slave Mode—1.8 V
.......................... 331
5-132
Low- / Full-Speed USBB1 Timing Conditions—Bidirectional Standard 4-pin Mode—1.8 V
.......................... 332
5-133
Low- / Full-Speed USBB1 Timing Requirements—Bidirectional Standard 4-pin Mode—1.8 V
...................... 332
5-134
Low- / Full-Speed USBB1 Switching Characteristics—Bidirectional Standard 4-pin Mode—1.8 V
.................. 333
5-135
Low- / Full-Speed USBB1 Timing Conditions—Bidirectional TLL 4-pin Mode—1.8 V
................................. 334
5-136
Low- / Full-Speed USBB1 Timing Requirements—Bidirectional TLL 4-pin Mode—1.8 V
............................. 334
5-137
Low- / Full-Speed USBB1 Switching Characteristics—Bidirectional TLL 4-pin Mode—1.8 V
........................ 334
5-138
Low- / Full-Speed USBB1 Timing Conditions—Bidirectional Standard 3-pin Mode—1.8 V
.......................... 335
5-139
Low- / Full-Speed USBB1 Timing Requirements—Bidirectional Standard 3-pin Mode—1.8 V
...................... 336
5-140
Low- / Full-Speed USBB1 Switching Characteristics—Bidirectional Standard 3-pin Mode—1.8 V
.................. 336
5-141
Low- / Full-Speed USBB1 Timing Conditions—Bidirectional TLL 3-pin Mode—1.8 V
................................. 336
5-142
Low- / Full-Speed USBB1 Timing Requirements—Bidirectional TLL 3-pin Mode—1.8 V
............................. 337
5-143
Low- / Full-Speed USBB1 Switching Characteristics—Bidirectional TLL 3-pin Mode—1.8 V
........................ 337
5-144
High-Speed USBB1 Timing Conditions—ULPI SDR Mode—1.8 V
...................................................... 338
5-145
High-Speed USBB1 Timing Requirements—ULPI SDR Mode—Slave Mode—1.8 V
................................. 338
5-146
High-Speed USBB1 Switching Characteristics—ULPI SDR Mode—Slave Mode—1.8 V
............................. 339
5-147
High-Speed USBB1 Timing Conditions—ULPI TLL Mode—Master Mode—1.8 V
..................................... 340
5-148
High-Speed USBB1 Timing Requirements—ULPI TLL Mode—Master Mode—1.8 V
................................. 340
5-149
High-Speed USBB1 Switching Characteristics—ULPI TLL Mode—Master Mode—1.8 V
............................ 341
5-150
High-Speed USBB1—HSIC DDR Timing Conditions—1.2 V
............................................................. 342
5-151
High-Speed USBB1 Timing Requirements—HSIC DDR Receive Mode—1.2 V
....................................... 342
5-152
High-Speed USBB1 Switching Characteristics—HSIC DDR Transmit Mode—1.2 V
.................................. 342
5-153
Low- / Full-Speed USBB2 Timing Conditions—Bidirectional Standard 4-pin Mode—1.8 V
.......................... 343
5-154
Low- / Full-Speed USBB2 Timing Requirements—Bidirectional Standard 4-pin Mode—1.8 V
...................... 344
5-155
Low- / Full-Speed USBB2 Switching Characteristics—Bidirectional Standard 4-pin Mode—1.8 V
.................. 344
5-156
Low- / Full-Speed USBB2 Timing Conditions—Bidirectional TLL 4-pin Mode—1.8 V
................................. 345
5-157
Low- / Full-Speed USBB2 Timing Requirements—Bidirectional TLL 4-pin Mode—1.8 V
............................. 345
5-158
Low- / Full-Speed USBB2 Switching Characteristics—Bidirectional TLL 4-pin Mode—1.8 V
........................ 345
Copyright © 2012–2013, Texas Instruments Incorporated
List of Tables
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com