Electronic Components Datasheet Search
  English  ▼

X  

OMAP4470 Datasheet(PDF) 18 Page - Texas Instruments

Part # OMAP4470
Description  Multimedia Device Engineering Sample ES1.0
PDF  450 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OMAP4470 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OMAP4470 Datasheet HTML 14Page - Texas Instruments OMAP4470 Datasheet HTML 15Page - Texas Instruments OMAP4470 Datasheet HTML 16Page - Texas Instruments OMAP4470 Datasheet HTML 17Page - Texas Instruments OMAP4470 Datasheet HTML 18Page - Texas Instruments OMAP4470 Datasheet HTML 19Page - Texas Instruments OMAP4470 Datasheet HTML 20Page - Texas Instruments OMAP4470 Datasheet HTML 21Page - Texas Instruments OMAP4470 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 450 page
background image
Public Version
OMAP4470
SWPS048A – AUGUST 2012 – REVISED JANUARY 2013
www.ti.com
5-159
Low- / Full-Speed USBB2 Timing Conditions—Bidirectional Standard 3-pin Mode—1.8 V
.......................... 346
5-160
Low- / Full-Speed USBB2 Timing Requirements—Bidirectional Standard 3-pin Mode—1.8 V
...................... 346
5-161
Low- / Full-Speed USBB2 Switching Characteristics—Bidirectional Standard 3-pin Mode—1.8 V
.................. 347
5-162
Low- / Full-Speed USBB2 Timing Conditions—Bidirectional TLL 3-pin Mode—1.8 V
................................. 347
5-163
Low- / Full-Speed USBB2 Timing Requirements—Bidirectional TLL 3-pin Mode—1.8 V
............................. 348
5-164
Low- / Full-Speed USBB2 Switching Characteristics—Bidirectional TLL 3-pin Mode—1.8 V
........................ 348
5-165
Low- / Full-Speed USBB2 Timing Conditions—Bidirectional 2-pin Mode—1.8 V
...................................... 349
5-166
Low- / Full-Speed USBB2 Timing Requirements—Bidirectional 2-pin Mode—1.8 V
.................................. 349
5-167
High-Speed USBB2 Timing Conditions—ULPI SDR Mode
............................................................... 350
5-168
High-Speed USBB2 Timing Requirements—ULPI SDR Mode—Slave Mode
.......................................... 350
5-169
High-Speed USBB2 Switching Characteristics—ULPI SDR Mode—Slave Mode
...................................... 350
5-170
High-Speed USBB2 Timing Conditions—ULPI TLL Mode—Master Mode
.............................................. 351
5-171
High-Speed USBB2 Timing Requirements—ULPI TLL Mode—Master Mode
.......................................... 352
5-172
High-Speed USBB2 Switching Characteristics—ULPI TLL Mode—Master Mode
..................................... 352
5-173
High-Speed USBB2—HSIC DDR Timing Conditions—1.2 V
............................................................. 353
5-174
High-Speed USBB2 Timing Requirements—HSIC DDR Receive Mode—1.2 V
....................................... 354
5-175
High-Speed USBB2 Switching Characteristics—HSIC DDR Transmit Mode—1.2 V
.................................. 354
5-176
I
2C and SmartReflex—Standard and Fast Modes
.......................................................................... 355
5-177
I
2C and SmartReflex—High-Speed Mode
................................................................................... 356
5-178
I
2C and SmartReflex Correspondence Standard vs Data Manual Timing References
................................ 357
5-179
HDQ/1-Wire Timing Requirements—HDQ Mode
........................................................................... 358
5-180
HDQ Sampling Cases
.......................................................................................................... 358
5-181
HDQ/1-Wire Switching Characteristics—HDQ Mode
...................................................................... 358
5-182
HDQ/1-Wire Timing Requirements—1-Wire Mode
......................................................................... 359
5-183
HDQ/1-Wire Switching Characteristics—1-Wire Mode
.................................................................... 359
5-184
UART IO Settings References
................................................................................................ 361
5-185
UART Switching Characteristics
.............................................................................................. 364
5-186
UART3 IrDA Signaling Rate and Pulse Duration with 3/16
th Encoding—Receive Mode
.............................. 368
5-187
UART3 IrDA Rise and Fall Times—Receive Mode
........................................................................ 368
5-188
UART3 IrDA Signaling Rate and Pulse Duration with 3/16
th Encoding—Transmit Mode
............................. 369
5-189
MMC/SD/SDIO 1 Interface Timing Conditions—SD Identification and Standard SD Mode
.......................... 370
5-190
MMC/SD/SDIO 1 Interface Timing Requirements—SD Identification and Standard SD Mode
...................... 371
5-191
MMC/SD/SDIO 1 Interface Switching Characteristics—SD Identification and Standard SD Mode
.................. 371
5-192
MMC/SD/SDIO 1 Interface Timing Conditions—High-Speed SD Mode
................................................. 372
5-193
MMC/SD/SDIO 1 Interface Timing Requirements—High-Speed SD Mode
............................................. 373
5-194
MMC/SD/SDIO 1 Interface Switching Characteristics—High-Speed SD Mode
........................................ 373
5-195
MMC/SD/SDIO 1 Interface Timing Conditions—High-Speed SDR50 Mode
............................................ 375
5-196
MMC/SD/SDIO 1 Interface Timing Requirements—High-Speed SDR50 Mode
........................................ 375
5-197
MMC/SD/SDIO 1 Interface Switching Characteristics—High-Speed SDR50 Mode
................................... 376
5-198
MMC/SD/SDIO 1 Interface Timing Conditions—High-Speed SD Mode—DDR50
..................................... 377
5-199
MMC/SD/SDIO 1 Interface Timing Requirements—High-Speed SD Mode—DDR50
................................. 377
5-200
MMC/SD/SDIO 1 Interface Switching Characteristics—High-Speed SD Mode—DDR50
............................. 378
5-201
MMC/SD/SDIO 2 Interface Timing Conditions—High-Speed SDR JC64 Mode
........................................ 379
5-202
MMC/SD/SDIO 2 Interface Timing Requirements—High-Speed SDR JC64 Mode
.................................... 380
5-203
MMC/SD/SDIO Interface 2 Switching Characteristics—High-Speed SDR JC64 Mode
............................... 380
5-204
MMC/SD/SDIO 2 Interface Timing Conditions—High-Speed DDR JC64 Mode
........................................ 382
5-205
MMC/SD/SDIO 2 Interface Timing Requirements—High-Speed DDR JC64 Mode
.................................... 382
5-206
MMC/SD/SDIO 2 Interface Switching Characteristics—High-Speed DDR JC64 Mode
............................... 383
18
List of Tables
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com