| Electronic Components Datasheet Search |
|
OMAP4470 Datasheet(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP4470 Datasheet(HTML) 28 Page - Texas Instruments |
|
28 / 450 page ![]() Public Version OMAP4470 SWPS048A – AUGUST 2012 – REVISED JANUARY 2013 www.ti.com NOTE In the OMAP4470 device, new far end load settings registers are added for some IOs. This new feature configures the IO according to the transmission line and the application/ peripheral load. For a full description on these registers, see the System Control Module / Programming Model / Feature Settings section of the OMAP4470 TRM. Table 2-1. Ball Characteristics(1) BALL BALL PIN MODE TYPE BALL BALL RESET POWER HYS BUFFER PULL IO BOTTOM TOP NAME [3] [4] [5] RESET RESET REL. [9] [10] STRENGTH U/D CELL [13] [1] [2] STATE REL. MODE (mA) [11] TYPE [6] STATE [7] [8] [12] C12 - gpmc_ad0 0 IO H H 0 vdds_ Yes 6 PU/ LVCMOS dv_ PD Dual sdmmc2_ 1 IO sdmmc2 Voltage dat0 D12 - gpmc_ad1 0 IO H H 0 vdds_ Yes 6 PU/ LVCMOS dv_ PD Dual sdmmc2_ 1 IO sdmmc2 Voltage dat1 C13 - gpmc_ad2 0 IO H H 0 vdds_ Yes 6 PU/ LVCMOS dv_ PD Dual sdmmc2_ 1 IO sdmmc2 Voltage dat2 D13 - gpmc_ad3 0 IO H H 0 vdds_ Yes 6 PU/ LVCMOS dv_ PD Dual sdmmc2_ 1 IO sdmmc2 Voltage dat3 C15 - gpmc_ad4 0 IO H H 0 vdds_ Yes 6 PU/ LVCMOS dv_ PD Dual sdmmc2_ 1 IO sdmmc2 Voltage dat4 sdmmc2_dir_ 2 O dat0 D15 - gpmc_ad5 0 IO H H 0 vdds_ Yes 6 PU/ LVCMOS dv_ PD Dual sdmmc2_ 1 IO sdmmc2 Voltage dat5 sdmmc2_dir_ 2 O dat1 A16 - gpmc_ad6 0 IO H H 0 vdds_ Yes 6 PU/ LVCMOS dv_ PD Dual sdmmc2_ 1 IO sdmmc2 Voltage dat6 sdmmc2_dir_ 2 O cmd B16 - gpmc_ad7 0 IO H H 0 vdds_ Yes 6 PU/ LVCMOS dv_ PD Dual sdmmc2_ 1 IO sdmmc2 Voltage dat7 sdmmc2_clk_ 2 I fdbk C16 - gpmc_ad8 0 IO H H 0 vdds_ Yes 6 PU/ LVCMOS dv_c2c PD Dual kpd_row0 1 I Voltage gpio_32 3 IO sdmmc1_ 5 IO dat0 D16 - gpmc_ad9 0 IO H H 0 vdds_ Yes 6 PU/ LVCMOS dv_c2c PD Dual kpd_row1 1 I Voltage gpio_33 3 IO sdmmc1_ 5 IO dat1 28 Terminal Description Copyright © 2012–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: OMAP4470 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |