Electronic Components Datasheet Search
  English  ▼

X  

NJM3771 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM3771
Description  DUAL STEPPER MOTOR DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3771 Datasheet(HTML) 2 Page - New Japan Radio

  NJM3771 Datasheet HTML 1Page - New Japan Radio NJM3771 Datasheet HTML 2Page - New Japan Radio NJM3771 Datasheet HTML 3Page - New Japan Radio NJM3771 Datasheet HTML 4Page - New Japan Radio NJM3771 Datasheet HTML 5Page - New Japan Radio NJM3771 Datasheet HTML 6Page - New Japan Radio NJM3771 Datasheet HTML 7Page - New Japan Radio NJM3771 Datasheet HTML 8Page - New Japan Radio NJM3771 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NJM3771
C
MM2
E
B2
B1
GND
MM1
C
RC
V
5
6
7
8
9
10
11
25
24
23
22
21
20
19
VR2
VR1
CD1
CC
V
M
M
V
2
1
2
E1
NJM 3771FM2
1
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
B1
E
MM1
A1
GND
GND
1
1
R1
C
CC
M
V
M
GND
GND
Phase
CD
V
RC
M
V
M
Phase
CD
V
V
R2
2
2
A2
MM2
B2
1
E2
1
C2
NJM
3771D2
Figure 2. Pin configurations
s PIN DESCRIPTION
Refer to Figure 2
EMP
DIP
PLCC
Symbol
Description
21
8
M
B1
Motor output B, channel 1. Motor current flows from M
A1 to MB1 when Phase1 is HIGH.
32
10
E
1
Common emitter, channel 1. This pin connects to a sensing resistor to ground.
43
11
V
MM1
Motor supply voltage, channel 1, 10 to 40 V. V
MM1 and VMM2 should be connected together.
54
12
M
A1
Motor output A, channel 1. Motor current flows from M
A1 to MB1 when Phase1 is HIGH.
6,7,
5,6,
1-3,9,
GND
Ground and negative supply. Note: these pins are used thermally for heat-sinking.
18,19
17,18
13-17,28
Make sure that all ground pins are soldered onto a suitably large copper ground
plane for efficient heat sinking.
8
7
18
Phase
1
Controls the direction of motor current at outputs M
A1 and MB1. Motor current flows from MA1
to M
B1 when Phase1 is HIGH.
98
19
CD
1
Current decay control, channel 1. A logic HIGH on this input results in
slow current decay,
a LOW results in
fast current decay, see “Functional Description.”
10
9
20
V
R1
Reference voltage, channel 1. Controls the threshold voltage for the comparator and hence
the output current. Input resistance is typically 2.5 kohms,
±20%.
11
10
21
C
1
Comparator input channel 1. This input senses the instantaneous voltage across the
sensing resistor, filtered by an RC network. The threshold voltage for the comparator is
(0.450 / 2.5) • V
R1, i.e. 450 mV at VR1 = 2.5 V.
12
11
22
V
CC
Logic voltage supply, nominally +5 V.
13
12
23
RC
Clock oscillator RC pin. Connect a 15 kohm resistor to V
CC and a 3300 pF capacitor to
ground to obtain the nominal switching frequency of 26.5 kHz.
14
13
24
C
2
Comparator input channel 2. This input senses the instantaneous voltage across the
sensing resistor, filtered by an RC network. The threshold voltage for the comparator is
(0.450 / 2.5) • V
R1, i.e. 450 mV at VR1 = 2.5 V.
15
14
25
V
R2
Reference voltage, channel 2. Controls the threshold voltage for the comparator and hence
the output current. Input resistance is typically 2.5 kohms,
±20%.
16
15
26
CD
2
Current decay control, channel 2. A logic HIGH on this input results in
slow current decay,
a LOW results in
fast current decay, see “Functional Description.”
17
16
27
Phase
2
Controls the direction of motor current at outputs M
A2 and MB2. Motor current flows from MA2
to M
B2 when Phase2 is HIGH.
20
19
4
M
A2
Motor output A, channel 2. Motor current flows from M
A2 to MB2 when Phase2 is HIGH.
21
20
5
V
MM2
Motor supply voltage, channel 2, 10 to 40 V. V
MM1 and VMM2 should be connected together.
22
21
6
E
2
Common emitter, channel 2. This pin connects to a sensing resistor to ground.
23
22
7
M
B2
Motor output B, channel 2. Motor current flows from M
A2 to MB2 when Phase2 is HIGH.
s PIN CONFIGURATIONS
1
2
3
4
5
6
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
GND
MA1
MA2
GND
NC
NJM
3771E3
MB1
E1
VMM1
NC
MB2
E2
VMM2
VR2
CD2
C2
RC
23
24
GND
GND
Phase2
7
VR1
CD1
C1
V
CC
Phase1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com