Electronic Components Datasheet Search
  English  ▼

X  

NJM3771 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM3771
Description  DUAL STEPPER MOTOR DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3771 Datasheet(HTML) 7 Page - New Japan Radio

  NJM3771 Datasheet HTML 1Page - New Japan Radio NJM3771 Datasheet HTML 2Page - New Japan Radio NJM3771 Datasheet HTML 3Page - New Japan Radio NJM3771 Datasheet HTML 4Page - New Japan Radio NJM3771 Datasheet HTML 5Page - New Japan Radio NJM3771 Datasheet HTML 6Page - New Japan Radio NJM3771 Datasheet HTML 7Page - New Japan Radio NJM3771 Datasheet HTML 8Page - New Japan Radio NJM3771 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NJM3771
External components
The voltage across the sensing resistor is fed back to the comparator via a low-pass filter section, to prevent
erroneous switching due to switching transients. The recommended filter component values, 1 kohm and 820 pF,
are suitable for a wide range of motors and operational conditions.
Since the low-pass filtering action introduces a small delay of the signal to the comparator, peak voltage across
the sensing resistor, and hence the peak motor current, will reach a slightly higher level than the threshold, V
C, set
by the reference voltage
(V
C = 450 mV @VR = 2.5 V).
The time constant of the low-pass filter may therefore be reduced to minimize the delay and optimize low-current
performance, especially if a low (12 V) supply voltage is used. Increasing the time constant may result in unstable
switching.
The frequency of the clock oscillator is set by the R-C combination at pin RC. The recommended values give a
nominal frequency of 26.5 kHz. A lower frequency will result in higher current ripple and may cause audible noise
from the motor, while increasing the frequency results in higher switching losses and possibly increased iron losses
in the motor.
The sensing resistor, R
S, should be selected for maximum motor current. The relationship between peak motor
current, reference voltage and the value of R
S is described under “Current control” above. Be sure not to exceed
the maximum output current which is 650 mA per channel (or 500 mA per channel, both channels fully on, see
“Recommended Operating Conditions”).
Motor selection
The NJM3771 is designed for bipolar motors, i.e., motors that have only one winding per phase. A unipolar motor,
having windings with a center tap, can also be used, see figure 8.
The chopping principle in the
NJM3771 is based on a constant frequency and a varying duty cycle. This
scheme imposes certain restrictions on motor selection. Unstable chopping can occur if the chopping duty cycle
exceeds approximately 50%. To avoid this, it is necessary to choose a motor with a low winding resistance. Low
winding resistance means less inductance and will therefore enable higher stepping rates, however it also means
less torque capability. A compromise has to be made.
Choose a motor with the lowest possible winding resistance that still gives the required torque and use as high
supply voltage as possible without exceeding the maximum recommended 40 V. Check that the chopping duty
cycle does not exceed 50% at maximum current.
Since the NJM3771 produces a regulated, constant output current it is not necessary to use a motor that is rated
at the same voltage as the actual supply voltage. Only rated current needs to be considered. Typical motors to be
used together with the NJM3771 have voltage ratings of 5 to 12 V, while the supply voltage usually ranges from 24
to 40 V.
Figure 8. Connection of unipolar motors
Best for high speed
NJM3771
Best for high torque
NJM3771



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com