Electronic Components Datasheet Search
  English  ▼

X  

NJM3771 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJM3771
Description  DUAL STEPPER MOTOR DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3771 Datasheet(HTML) 8 Page - New Japan Radio

  NJM3771 Datasheet HTML 1Page - New Japan Radio NJM3771 Datasheet HTML 2Page - New Japan Radio NJM3771 Datasheet HTML 3Page - New Japan Radio NJM3771 Datasheet HTML 4Page - New Japan Radio NJM3771 Datasheet HTML 5Page - New Japan Radio NJM3771 Datasheet HTML 6Page - New Japan Radio NJM3771 Datasheet HTML 7Page - New Japan Radio NJM3771 Datasheet HTML 8Page - New Japan Radio NJM3771 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NJM3771
General
Phase inputs
A logic HIGH on a Phase input gives positive current flowing out from M
A into MB. A logic LOW gives a current in
the opposite direction.
Slow/fast current decay
A logic HIGH on the CD input gives slow current decay, a logic LOW gives fast current decay.
Heat sinking
Soldering the four center pins onto a free PCB copper area of 20 cm2 (approx. 1.8" x 1.8", copper foil thickness =
35
µm) permits the circuit to operate with a maximum of 320 mA output current, both channels driving, at ambient
temperatures up to +70
°C. Consult figures 9 and 14 in order to determine the necessary copper area for heat
sinking if higher currents are required.
Thermal shutdown
The circuit is equipped with a thermal shutdown function that reduces the output current at chip temperatures
above +160
°C.
Thermal resistance [
°C/W]
PCB copper foil area [cm ]
2
80
70
60
50
40
30
20
510
15
20
30
35
25
PLCC package
DIP package
Figure 9. Thermal Resistance vs. PC Board copper area and suggested layout
24-pin EMP
22-pin
DIP
28-pin
PLCC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com