Electronic Components Datasheet Search
  English  ▼

X  

ISL9012IRGCZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL9012IRGCZ
Description  Dual LDO with Low Noise, Low IQ, and High PSRR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9012IRGCZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL9012IRGCZ Datasheet HTML 1Page - Intersil Corporation ISL9012IRGCZ Datasheet HTML 2Page - Intersil Corporation ISL9012IRGCZ Datasheet HTML 3Page - Intersil Corporation ISL9012IRGCZ Datasheet HTML 4Page - Intersil Corporation ISL9012IRGCZ Datasheet HTML 5Page - Intersil Corporation ISL9012IRGCZ Datasheet HTML 6Page - Intersil Corporation ISL9012IRGCZ Datasheet HTML 7Page - Intersil Corporation ISL9012IRGCZ Datasheet HTML 8Page - Intersil Corporation ISL9012IRGCZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN9220.3
March 11, 2008
Typical Performance Curves
FIGURE 2. OUTPUT VOLTAGE vs INPUT VOLTAGE (3.3V
OUTPUT)
FIGURE 3. OUTPUT VOLTAGE CHANGE vs LOAD CURRENT
FIGURE 4. OUTPUT VOLTAGE CHANGE vs TEMPERATURE
FIGURE 5. OUTPUT VOLTAGE vs INPUT VOLTAGE
(VO1 = 3.3V)
FIGURE 6. OUTPUT VOLTAGE vs INPUT VOLTAGE
(VO2 = 2.8V)
FIGURE 7. VO1 DROPOUT VOLTAGE vs LOAD CURRENT
INPUT VOLTAGE (V)
-0.6
-0.2
0.2
0.6
-0.8
3.8
4.2
6.2
5.8
6.6
3.4
4.6
5.0
5.4
-0.4
0.0
0.4
0.8
VO = 3.3V
+85
°C
-40
°C
+25
°C
ILOAD = 0mA
0.04
0.06
-0.06
-0.10
100
200
300
400
0
LOAD CURRENT - IO (mA)
-0.02
0.00
0.02
0.08
0.10
-0.04
-0.08
50
150
250
350
VIN = 3.8V
VO = 3.3V
+85
°C
-40
°C
+25
°C
0.04
0.06
-0.06
-0.10
-10
20
50
110
-40
TEMPERATURE (
°C)
-0.02
0.00
0.02
0.08
0.10
-0.04
-0.08
-25
5
35
80
65
95
125
VIN = 3.8V
VO = 3.3V
ILOAD = 0mA
INPUT VOLTAGE (V)
3.0
3.1
3.2
3.3
3.4
2.9
2.8
3.1
3.6
4.1
4.6
5.1
6.1
5.6
IO = 150mA
IO = 0mA
VO1 = 3.3V
6.5
2.5
2.6
2.7
2.8
2.9
2.4
2.3
2.63.1
3.64.1
4.65.1
6.1
INPUT VOLTAGE (V)
5.6
IO = 0mA
IO = 300mA
VO2 = 2.8V
IO = 150mA
6.5
200
250
300
350
150
100
50
0
50
100
150
200
250
300
350
400
0
OUTPUT LOAD (mA)
VO2 = 2.8V
VO1 = 3.3V
ISL9012



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com