Electronic Components Datasheet Search
  English  ▼

X  

ISL9012IRGCZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL9012IRGCZ
Description  Dual LDO with Low Noise, Low IQ, and High PSRR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9012IRGCZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL9012IRGCZ Datasheet HTML 3Page - Intersil Corporation ISL9012IRGCZ Datasheet HTML 4Page - Intersil Corporation ISL9012IRGCZ Datasheet HTML 5Page - Intersil Corporation ISL9012IRGCZ Datasheet HTML 6Page - Intersil Corporation ISL9012IRGCZ Datasheet HTML 7Page - Intersil Corporation ISL9012IRGCZ Datasheet HTML 8Page - Intersil Corporation ISL9012IRGCZ Datasheet HTML 9Page - Intersil Corporation ISL9012IRGCZ Datasheet HTML 10Page - Intersil Corporation ISL9012IRGCZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN9220.3
March 11, 2008
Pin Description
Typical Application
PIN
NUMBER
PIN
NAME
TYPE
DESCRIPTION
1
VIN
Analog I/O
Supply Voltage/LDO Input:
Connect a 1µF capacitor to GND.
2
EN1
Low Voltage Compatible
CMOS Input
LDO-1 Enable.
3
EN2
Low Voltage Compatible
CMOS Input
LDO-2 Enable.
4
CBYP
Analog I/O
Reference Bypass Capacitor Pin:
Optionally connect capacitor of value 0.01µF to 1µF between this pin and GND to tune in the
desired noise and PSRR performance.
5
CPOR
Analog I/O
POR Delay Setting Capacitor Pin:
Connect a capacitor between this pin and GND to delay the POR output release after LDO-2
output reaches 94% of its specified voltage level (200ms delay per 0.01µF).
6
GND
Ground
GND is the connection to system ground. Connect to PCB Ground plane.
7
NC
NC
No Connection.
8POR
Open Drain Output (1mA)
Open-drain POR Output for LDO-2 (active-low).
9VO2
Analog I/O
LDO-2 Output:
Connect capacitor of value 1µF to 10µF to GND (1µF recommended).
10
VO1
Analog I/O
LDO-1 Output:
Connect capacitor of value 1µF to 10µF to GND (1µF recommended).
C1, C4, C5: 1µF X5R CERAMIC CAPACITOR
C2: 0.01µF X5R CERAMIC CAPACITOR
ISL9012
VIN
EN1
EN2
CBYP
CPOR
VO1
VO2
POR
NC
GND
10
9
8
7
6
1
2
3
4
5
VIN (2.3V TO 6.5V)
ENABLE 1
ENABLE 2
VOUT 1
VOUT2
RESET
C1
C2
C3
C4
C5
C3: 0.01µF X5R CERAMIC CAPACITOR
OFF
ON
OFF
ON
(200ms DELAY, C3 = 0.01µF)
VOUT2 TOO LOW
VOUT 2 OK
R1
R1: 100k
Ω RESISTOR, 5%
ISL9012



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com