Electronic Components Datasheet Search
  English  ▼

X  

ISL9012IRGCZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL9012IRGCZ
Description  Dual LDO with Low Noise, Low IQ, and High PSRR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9012IRGCZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL9012IRGCZ Datasheet HTML 1Page - Intersil Corporation ISL9012IRGCZ Datasheet HTML 2Page - Intersil Corporation ISL9012IRGCZ Datasheet HTML 3Page - Intersil Corporation ISL9012IRGCZ Datasheet HTML 4Page - Intersil Corporation ISL9012IRGCZ Datasheet HTML 5Page - Intersil Corporation ISL9012IRGCZ Datasheet HTML 6Page - Intersil Corporation ISL9012IRGCZ Datasheet HTML 7Page - Intersil Corporation ISL9012IRGCZ Datasheet HTML 8Page - Intersil Corporation ISL9012IRGCZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN9220.3
ISL9012
Dual LDO with Low Noise, Low IQ, and
High PSRR
ISL9012 is a high performance dual LDO capable of
sourcing 150mA current from Channel 1, and 300mA from
Channel 2. The device has a low standby current and
high-PSRR and is stable with output capacitance of 1µF to
10µF with ESR of up to 200m
Ω.
The device integrates a Power-On-Reset (POR) function for
the VO2 output. The POR delay for VO2 can be externally
programmed by connecting a timing capacitor to the CPOR
pin. A reference bypass pin is also provided for connecting a
noise-filtering capacitor for low noise and high PSRR
applications.
The quiescent current is typically only 45µA with both LDO’s
enabled and active. Separate enable pins control each
individual LDO output. When both enable pins are low, the
device is in shutdown, typically drawing less than 0.1µA.
Several combinations of voltage outputs are standard.
Output voltage options for each LDO range from 1.5V to
3.3V. Other output voltage options are available on request.
Pinout
ISL9012
(10 LD 3X3 DFN)
TOP VIEW
Features
• Integrates two high performance LDOs
- VO1 - 150mA output
- VO2 - 300mA output
• Excellent transient response to large current steps
• Excellent load regulation:
1% voltage change across full range of load current
• High PSRR: 70dB @ 1kHz
• Wide input voltage capability: 2.3V to 6.5V
• Extremely low quiescent current: 45µA (both LDOs on)
• Low dropout voltage: typically 120mV @ 150mA
• Low output noise: typically 30µVRMS @ 100µA (1.5V)
• Stable with 1 to10µF ceramic capacitors
• Separate enable pins for each LDO
• POR output, with adjustable delay time indicates when the
VO2 output is good
• Soft-start to limit input current surge during enable
• Current limit and overheat protection
• ±1.8% accuracy over all operating conditions
• Tiny 10 Ld 3x3mm DFN package
• -40°C to +85°C operating temperature range
• Pin compatible with Micrel MIC2212
• Pb-free (RoHS compliant)
Applications
• PDAs, Cell Phones and Smart Phones
• Portable Instruments, MP3 Players
• Handheld Devices including Medical Handhelds
VIN
EN1
EN2
CBYP
CPOR
VO1
VO2
POR
NC
GND
2
3
4
1
5
9
8
7
10
6
Data Sheet
March 11, 2008
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2005, 2006. 2008. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL9012IRGCZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9012IRGCZ INTERSIL-ISL9012IRGCZ Datasheet
235Kb / 11P
Dual LDO with Low Noise, Low IQ, and High PSRR
May 8, 2006
ISL9012IRGCZ INTERSIL-ISL9012IRGCZ Datasheet
233Kb / 11P
Dual LDO with Low Noise, Low IQ, and High PSRR
More results

Similar Description - ISL9012IRGCZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
Dual LDO with Low Noise, Low IQ, and High PSRR
January 30, 2007
ISL9014 INTERSIL-ISL9014_06 Datasheet
220Kb / 11P
Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
Dual LDO with Low Noise, Low IQ and High PSRR
ISL9012 RENESAS-ISL9012 Datasheet
595Kb / 12P
Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9014 RENESAS-ISL9014 Datasheet
550Kb / 11P
Dual LDO with Low Noise, Low IQ and High PSRR
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com