Electronic Components Datasheet Search
  English  ▼

X  

53513 Datasheet(PDF) 4 Page - Micropac Industries

Part # 53513
Description  NON-LATCHING, ISOLATED OUTPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53513 Datasheet(HTML) 4 Page - Micropac Industries

  53513 Datasheet HTML 1Page - Micropac Industries 53513 Datasheet HTML 2Page - Micropac Industries 53513 Datasheet HTML 3Page - Micropac Industries 53513 Datasheet HTML 4Page - Micropac Industries 53513 Datasheet HTML 5Page - Micropac Industries 53513 Datasheet HTML 6Page - Micropac Industries 53513 Datasheet HTML 7Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
53513
NON-Latching, Isolated Output Solid State Power Controllers
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
10-24-2008
Rev B
Pg. 4 of 7
Turn on into Short Sequence
Short while on Sequence
Control
0
1
1
0
1
1
1
1
0
1
I out
Off
Off
Off
Off
On
On
Off
Off
Off
On
Switch
Status
0
0
0
0
Open “1”
Open “1”
0
0
0
Open “1”
Shorted
Output
Shorted
Shorted
X
Off
Off
Off
On
X
X
Off
Truth Table – Short circuit and Status
Note 1: Unit Powers up in the Off condition with application of either Bus power and or VDD.
Note 2: Fault Status reports only when VDD is present.
Note 3: An Off Control to On Control transition is required to first turn the Unit On.
Note 4: Loss of VDD will return the output state to OFF.
Note 5: Truth Table Power sequencing: Output Status open collector pull-up resistor is assigned a separate and always
present voltage, producing a “1” when “Open”.
CONTROL
90%
90%
10%
10%
tON
tOFF
10%
10%
LOAD VOLTAGE
1 ms
MAX
90%
Figure 2 Switching Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com