Electronic Components Datasheet Search
  English  ▼

X  

53513 Datasheet(PDF) 6 Page - Micropac Industries

Part # 53513
Description  NON-LATCHING, ISOLATED OUTPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53513 Datasheet(HTML) 6 Page - Micropac Industries

  53513 Datasheet HTML 1Page - Micropac Industries 53513 Datasheet HTML 2Page - Micropac Industries 53513 Datasheet HTML 3Page - Micropac Industries 53513 Datasheet HTML 4Page - Micropac Industries 53513 Datasheet HTML 5Page - Micropac Industries 53513 Datasheet HTML 6Page - Micropac Industries 53513 Datasheet HTML 7Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
53513
NON-Latching, Isolated Output Solid State Power Controllers
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
10-24-2008
Rev B
Pg. 6 of 7
NOTES:
1) Initial current limits, NO TRIP and MUST TRIP, will be 500% and 900%, respectively above the rated operating
current.
2) Minimum output current (sustaining) is 120% of the Device Rating.
3) Maximum output current (sustaining) is 160% of the Device Rating.
5) Shorted while On from any On operating condition can have a
s surge current of as much as 100A.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com