Electronic Components Datasheet Search
  English  ▼

X  

53513 Datasheet(PDF) 1 Page - Micropac Industries

Part # 53513
Description  NON-LATCHING, ISOLATED OUTPUT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53513 Datasheet(HTML) 1 Page - Micropac Industries

  53513 Datasheet HTML 1Page - Micropac Industries 53513 Datasheet HTML 2Page - Micropac Industries 53513 Datasheet HTML 3Page - Micropac Industries 53513 Datasheet HTML 4Page - Micropac Industries 53513 Datasheet HTML 5Page - Micropac Industries 53513 Datasheet HTML 6Page - Micropac Industries 53513 Datasheet HTML 7Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
53513
NON-LATCHING, ISOLATED OUTPUT
SOLID STATE POWER CONTROLLERS
Mii
MICROCIRCUITS
Features:
Switch Status Output
I
2T circuit protection with status output
SPST, normally open
5A, 10A and 15A Operating Current
Power FET output with Low on-state resistance
Full military temperature operation:
-55ºC to +125ºC
Radiation tolerant
Military environmental screening available
Applications:
Designed for 28V bus applications
Aircraft Power Distribution
Military/High Reliability Systems
Satellite/Space Systems
DESCRIPTION
The 53513 Solid-State Power Controllers are lightweight, resistant to damage from shock and vibration, and immune to
contact-related problems (contamination, arcing) associated with mechanical equivalents. They share the heritage and
features of the 53503 Solid State Controller family.
Transformer coupling between the input, output and Power Bus stages provides isolation of 500 V RMS. The Power FET
output eliminates bipolar offset and minimizes output voltage drop.
The Control input is CMOS or TTL logic compatible and may operate from a bias supply of 4.5 to 5.5VDC. (See Figure 1)
Short-circuit protection and I
2T trip and output status is provided. The output current is continuously monitored and responds
to an over-current condition with an I
2T trip curve by opening the output. Over-current conditions include Over-Load and
Shorted Output during Turn-On. An open-collector Fault Status or Output Status (optional) is available to indicate the fault or
switch state. The output remains blocked until the short is removed and the unit reset. This feature prevents damage to the
controller while averting further system failures that may be caused by the short circuit. Standard Output Fault is an Active
Low output remaining high (open) under all operating conditions except during an Output Fault. The optional Output Status is
High when the output is On and Low when the output is Off. Resetting the unit is accomplished by recycling the input control.
These devices contain radiation hardened components and/or other features that provide a level of radiation
tolerance.
Micropac does not guarantee any level of radiation hardness.
Specific lot testing is required to
determine the level of radiation hardness. Micropac does not offer this device as compliant to Appendix G (RHA
Requirements) of MIL-PRF-38534.
ABSOLUTE MAXIMUM RATINGS
Isolation voltage
1.........................................................................................................................................................500 V RMS
Load voltage
2 ................................................................................................................................................................. 100 VDC
Load Current .............................................................................Less Than 8 Times Rated Operating Current / Self Protecting
Bias supply voltage, VDD ..................................................................................................................................... -0.6 to 5.5 VDC
Control Voltage ................................................................................................................. 1 Volt above VDD / Volt below Return
Operating temperature ............................................................................................................................ -55ºC to +125ºC Case
Storage temperature ..........................................................................................................................................-55ºC to +125ºC
Notes:
1 60 Hz sine wave
2 Reversing polarity on the output may cause permanent damage
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
10-24-2008 Rev B


Similar Part No. - 53513

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5351-9C ALPHAWIRE-5351-9C Datasheet
412Kb / 4P
20 (7/28) AWG Tinned Copper
5351/9C ALPHAWIRE-5351/9C Datasheet
412Kb / 4P
20 (7/28) AWG Tinned Copper
logo
Micropac Industries
53514 MICROPAC-53514 Datasheet
104Kb / 7P
SOLID STATE POWER CONTROLLERS
logo
Molex Electronics Ltd.
53517 MOLEX-53517 Datasheet
127Kb / 3P
PCB Headers and Receptacles
Oct 04, 2023
53517-0210 MOLEX7-53517-0210 Datasheet
143Kb / 3P
2.50mm (.098") Pitch Mini-Lock??Wire-to-Board PCB Header, Vertical, 2 Circuits
More results

Similar Description - 53513

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
K78L03-500 MORNSUN-K78L03-500 Datasheet
468Kb / 5P
WIDE INPUT NON-ISOLATED REGULATED OUTPUT
K78L03-1000 MORNSUN-K78L03-1000 Datasheet
308Kb / 3P
WIDE INPUT NON-ISOLATED REGULATED OUTPUT
logo
Micropac Industries
53503 MICROPAC-53503 Datasheet
146Kb / 8P
LATCHING, ISOLATED OUTPUT
logo
Texas Instruments
PT6880 TI1-PT6880_09 Datasheet
219Kb / 10P
5A Non-Isolated Output
logo
TE Connectivity Ltd
MDR TEC-MDR Datasheet
352Kb / 2P
AC and DC coils, latching and non-latching
logo
Teledyne Technologies I...
732 TELEDYNE-732 Datasheet
320Kb / 3P
DPDT Non-Latching
logo
Toppower Electronic Tec...
TP78LU3.3-0.5 TOPPOWER-TP78LU3.3-0.5 Datasheet
251Kb / 3P
Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
logo
Tyco Electronics
FCA-150 MACOM-FCA-150 Datasheet
374Kb / 6P
Non-latching relay
logo
Toppower Electronic Tec...
TP78LUXX-0.5 TOPPOWER-TP78LUXX-0.5 Datasheet
271Kb / 3P
Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
TP78XX-0.5 TOPPOWER-TP78XX-0.5 Datasheet
794Kb / 3P
Wide Input Non-Isolated?갧egulated Single Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com