Electronic Components Datasheet Search
  English  ▼

X  

MX27C2000API-10 Datasheet(PDF) 8 Page - Macronix International

Part # MX27C2000API-10
Description  2M-BIT [256K x 8] CMOS EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C2000API-10 Datasheet(HTML) 8 Page - Macronix International

Back Button MX27C2000API-10 Datasheet HTML 4Page - Macronix International MX27C2000API-10 Datasheet HTML 5Page - Macronix International MX27C2000API-10 Datasheet HTML 6Page - Macronix International MX27C2000API-10 Datasheet HTML 7Page - Macronix International MX27C2000API-10 Datasheet HTML 8Page - Macronix International MX27C2000API-10 Datasheet HTML 9Page - Macronix International MX27C2000API-10 Datasheet HTML 10Page - Macronix International MX27C2000API-10 Datasheet HTML 11Page - Macronix International MX27C2000API-10 Datasheet HTML 12Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
REV. 2.0, AUG. 27, 2003
P/N: PM0708
MX27C2000A
WAVEFORMS
READ CYCLE
FAST PROGRAMMING ALGORITHM WAVEFORM
ADDRESS
INPUTS
DATA
OUT
OE
CE
DATA ADDRESS
VALID DATA
tDF
tACC
tCE
tOE
tOH
Addresses
CE
OE
PGM
DATA
VPP
VCC
VIH
VIL
VPP1
VCC
VCC1
VCC
VIH
VIL
VIH
VIL
VIH
VIL
DATA OUT VALID
Hi-z
DATA IN STABLE
tAS
tVPS
tVCS
tCES
tOE
Max
tPW
tDS
tDH
tOES
tDFP
tAH
PROGRAM VERIFY
PROGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com