Electronic Components Datasheet Search
  English  ▼

X  

MX27C2000API-10 Datasheet(PDF) 2 Page - Macronix International

Part # MX27C2000API-10
Description  2M-BIT [256K x 8] CMOS EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C2000API-10 Datasheet(HTML) 2 Page - Macronix International

  MX27C2000API-10 Datasheet HTML 1Page - Macronix International MX27C2000API-10 Datasheet HTML 2Page - Macronix International MX27C2000API-10 Datasheet HTML 3Page - Macronix International MX27C2000API-10 Datasheet HTML 4Page - Macronix International MX27C2000API-10 Datasheet HTML 5Page - Macronix International MX27C2000API-10 Datasheet HTML 6Page - Macronix International MX27C2000API-10 Datasheet HTML 7Page - Macronix International MX27C2000API-10 Datasheet HTML 8Page - Macronix International MX27C2000API-10 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
REV. 2.0, AUG. 27, 2003
P/N: PM0708
MX27C2000A
BLOCK DIAGRAM
CONTROL
LOGIC
OUTPUT
BUFFERS
Q0~Q7
CE
PGM
OE
A0~A17
ADDRESS
INPUTS
Y-DECODER
X-DECODER
Y-SELECT
2M BIT
CELL
MAXTRIX
VCC
VSS
VPP
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
FUNCTIONAL DESCRIPTION
THE PROGRAMMING OF THE MX27C2000A
When the MX27C2000A is delivered, or it is erased, the
chip
has all 2M bits in the "ONE", or HIGH state.
"ZEROs" are loaded into the MX27C2000A through the
procedure of programming.
For programming, the data to be programmed is applied
with 8 bits in parallel to the data pins.
VCC must be applied simultaneously or before VPP, and
removed simultaneously or after VPP. When
programming an MXIC OTP ROM, a 0.1uF capacitor is
required across VPP and ground to suppress spurious
voltage transients which may damage the device.
FAST PROGRAMMING
The device is set up in the fast programming mode when
the programming voltage VPP = 12.75V is applied, with
VCC = 6.25V and PGM = VIH (Algorithm is shown in
Figure 1). The programming is achieved by applying a
single TTL low level 10us pulse to the PGM input after
addresses and data line are stable. If the data is not
verified, an additional pulse is applied for a maximum of
25 pulses. This process is repeated while sequencing
through each address of the device.
When the
programming mode is completed, the data in all address
is verified at VCC = VPP = 5V ± 10%.
PROGRAM INHIBIT MODE
Programming of multiple MX27C2000As in parallel with
different data is also easily accomplished by using the
Program Inhibit Mode. Except for CE and OE, all like
inputs of the parallel MX27C2000A may be common. A
TTL low-level program pulse applied to an MX27C2000A
CE input with VPP = 12.5 ± 0.5 V and PGM LOW will
program that MX27C2000A.
A high-level CE input
inhibits the other MX27C2000A from being programmed.
PROGRAM VERIFY MODE
Verification should be performed on the programmed bits
to determine that they were correctly programmed. The
verification should be performed with OE and CE at VIL,
PGM at VIH, and VPP at its programming voltage.
AUTO IDENTIFY MODE
The auto identify mode allows the reading out of a binary
code from an EPROM that will identify its manufacturer
and device type. This mode is intended for use by
programming equipment for the purpose of automatically
matching the device to be programmed with its
corresponding programming algorithm. This mode is
functional in the 25°C ± 5°C ambient temperature range
that is required when programming the MX27C2000A.
To activate this mode, the programming equipment must
force 12.0 ± 0.5 V on address line A9 of the device. Two
identifier bytes may then be sequenced from the device
outputs by toggling address line A0 from VIL to VIH. All
other address lines must be held at VIL during auto
identify mode.
Byte 0 ( A0 = VIL) represents the manufacturer code, and
byte 1 (A0 = VIH), the device identifier code. For the
MX27C2000A, these two identifier bytes are given in the
Mode Select Table. All identifiers for manufacturer and
device codes will possess odd parity, with the MSB (Q7)
defined as the parity bit.
READ MODE
The MX27C2000A has two control functions, both of
which must be logically satisfied in order to obtain data
at the outputs. Chip Enable (CE) is the power control and
should be used for device selection. Output Enable (OE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com