Electronic Components Datasheet Search
  English  ▼

X  

MX27C2000API-10 Datasheet(PDF) 9 Page - Macronix International

Part # MX27C2000API-10
Description  2M-BIT [256K x 8] CMOS EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C2000API-10 Datasheet(HTML) 9 Page - Macronix International

Back Button MX27C2000API-10 Datasheet HTML 5Page - Macronix International MX27C2000API-10 Datasheet HTML 6Page - Macronix International MX27C2000API-10 Datasheet HTML 7Page - Macronix International MX27C2000API-10 Datasheet HTML 8Page - Macronix International MX27C2000API-10 Datasheet HTML 9Page - Macronix International MX27C2000API-10 Datasheet HTML 10Page - Macronix International MX27C2000API-10 Datasheet HTML 11Page - Macronix International MX27C2000API-10 Datasheet HTML 12Page - Macronix International MX27C2000API-10 Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
REV. 2.0, AUG. 27, 2003
P/N: PM0708
MX27C2000A
ORDERING INFORMATION
PLASTIC PACKAGE
PART NO.
ACCESS TIME
OPERATING
STANDBY
OPERATING
PACKAGE
(ns)
Current MAX.(mA)
Current MAX.(uA)
TEMPERATURE
MX27C2000APC-90
90
30
100
0°C to 70°C
32 Pin DIP
MX27C2000AQC-90
90
30
100
0°C to 70°C
32 Pin PLCC
MX27C2000AMC-90
90
30
100
0°C to 70°C
32 Pin SOP
MX27C2000ATC-90
90
30
100
0°C to 70°C
32 Pin TSOP
MX27C2000APC-10
100
30
100
0°C to 70°C
32 Pin DIP
MX27C2000AQC-10
100
30
100
0°C to 70°C
32 Pin PLCC
MX27C2000AMC-10
100
30
100
0°C to 70°C
32 Pin SOP
MX27C2000ATC-10
100
30
100
0°C to 70°C
32 Pin TSOP
MX27C2000APC-12
120
30
100
0°C to 70°C
32 Pin DIP
MX27C2000AQC-12
120
30
100
0°C to 70°C
32 Pin PLCC
MX27C2000AMC-12
120
30
100
0°C to 70°C
32 Pin SOP
MX27C2000ATC-12
120
30
100
0°C to 70°C
32 Pin TSOP
MX27C2000APC-15
150
30
100
0°C to 70°C
32 Pin DIP
MX27C2000AQC-15
150
30
100
0°C to 70°C
32 Pin PLCC
MX27C2000AMC-15
150
30
100
0°C to 70°C
32 Pin SOP
MX27C2000ATC-15
150
30
100
0°C to 70°C
32 Pin TSOP
MX27C2000API-90
90
30
100
-40°C to 85°C
32 Pin DIP
MX27C2000AQI-90
90
30
100
-40°C to 85°C
32 Pin PLCC
MX27C2000AMI-90
90
30
100
-40°C to 85°C
32 Pin SOP
MX27C2000ATI-90
90
30
100
-40°C to 85°C
32 Pin TSOP
MX27C2000API-10
100
30
100
-40°C to 85°C
32 Pin DIP
MX27C2000AQI-10
100
30
100
-40°C to 85°C
32 Pin PLCC
MX27C2000AMI-10
100
30
100
-40°C to 85°C
32 Pin SOP
MX27C2000ATI-10
100
30
100
-40°C to 85°C
32 Pin TSOP
MX27C2000API-12
120
30
100
-40°C to 85°C
32 Pin DIP
MX27C2000AQI-12
120
30
100
-40°C to 85°C
32 Pin PLCC
MX27C2000AMI-12
120
30
100
-40°C to 85°C
32 Pin SOP
MX27C2000ATI-12
120
30
100
-40°C to 85°C
32 Pin TSOP
MX27C2000API-15
150
30
100
-40°C to 85°C
32 Pin DIP
MX27C2000AQI-15
150
30
100
-40°C to 85°C
32 Pin PLCC
MX27C2000AMI-15
150
30
100
-40°C to 85°C
32 Pin SOP
MX27C2000ATI-15
150
30
100
-40°C to 85°C
32 Pin TSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com