Electronic Components Datasheet Search
  English  ▼

X  

MX29F080 Datasheet(PDF) 1 Page - Macronix International

Part # MX29F080
Description  8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F080 Datasheet(HTML) 1 Page - Macronix International

  MX29F080 Datasheet HTML 1Page - Macronix International MX29F080 Datasheet HTML 2Page - Macronix International MX29F080 Datasheet HTML 3Page - Macronix International MX29F080 Datasheet HTML 4Page - Macronix International MX29F080 Datasheet HTML 5Page - Macronix International MX29F080 Datasheet HTML 6Page - Macronix International MX29F080 Datasheet HTML 7Page - Macronix International MX29F080 Datasheet HTML 8Page - Macronix International MX29F080 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1
P/N:PM0579
REV. 1.6, NOV, 21, 2002
MX29F080
8M-BIT[1024Kx8]CMOSEQUALSECTORFLASHMEMORY
PRELIMINARY
FEATURES
•
1,048,576 x 8 byte mode only
•
Single power supply operation
- 5.0V only operation for read, erase and program
operation
•
Fast access time: 70/90/120ns
•
Low power consumption
- 30mA maximum active current
- 0.2uA typical standby current
•
Command register architecture
- Byte Programming (7us typical)
- Sector Erase of 16 equal sector with 64K-Byte each
•
Auto Erase (chip & sector) and Auto Program
- Automatically erase any combination of sectors with
Erase Suspend capability.
- Automatically program and verify data at specified
address
•
Erase suspend/Erase Resume
- Suspends sector erase operation to read data from,
or program data to, another sector that is not being
erased, then resumes the erase.
TTL level control inputs and fixed power supply levels
during erase and programming, while maintaining maxi-
mum EPROM compatibility.
MXIC Flash technology reliably stores memory contents
even after 10,000 erase and program cycles. The MXIC
cell is designed to optimize the erase and program
mechanisms. In addition, the combination of advanced
tunnel oxide processing and low internal electric fields
for erase and programming operations produces reliable
cycling. The MX29F080 uses a 5.0V±10% VCC supply
to perform the High Reliability Erase and auto Program/
Erase algorithms.
The highest degree of latch-up protection is achieved
with MXIC's proprietary non-epi process. Latch-up pro-
tection is proved for stresses up to 100 milliamps on
address and data pin from -1V to VCC + 1V.
GENERAL DESCRIPTION
The MX29F080 is a 8-mega bit Flash memory organized
as 1024K bytes of 8 bits. MXIC's Flash memories offer
the most cost-effective and reliable read/write non-vola-
tile random access memory. The MX29F080 is pack-
aged in 40-pin TSOP or 44-pin SOP. It is designed to be
reprogrammed and erased in system or in standard
EPROM programmers.
The standard MX29F080 offers access time as fast as
70ns, allowing operation of high-speed microprocessors
without wait states. To eliminate bus contention, the
MX29F080 has separate chip enable (CE) and output
enable (OE ) controls.
MXIC's Flash memories augment EPROM functionality
with in-circuit electrical erasure and programming. The
MX29F080 uses a command register to manage this
functionality. The command register allows for 100%
•
Status Reply
- Data polling & Toggle bit for detection of program
and erase operation completion.
•
Ready/Busy (RY/BY)
- Provides a hardware method of detecting program
and erase operation completion.
•
Sector Group protect/chip unprotect for 5V/12V sys-
tem.
•
Sector Group protection
- Hardware protect method for each group which con-
sists of two adjacent sectors
- Temporary sector group unprotect allows code
changes in previously locked sectors
•
10,000 minimum erase/program cycles
•
Latch-up protected to 100mA from -1V to VCC+1V
•
Low VCC write inhibit is equal to or less than 3.2V
•
Package type:
- 40-pin TSOP or 44-pin SOP
•
Compatibility with JEDEC standard
- Pinout and software compatible with single-power
supply Flash


Similar Part No. - MX29F080

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F001B MCNIX-MX29F001B Datasheet
587Kb / 42P
1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TPC-12 MCNIX-MX29F001TPC-12 Datasheet
587Kb / 42P
1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TPC-90 MCNIX-MX29F001TPC-90 Datasheet
587Kb / 42P
1M-BIT [128K x 8] CMOS FLASH MEMORY
MX29F001TQC-12 MCNIX-MX29F001TQC-12 Datasheet
587Kb / 42P
1M-BIT [128K x 8] CMOS FLASH MEMORY
More results

Similar Description - MX29F080

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F016 MCNIX-MX29F016 Datasheet
868Kb / 37P
16M-BIT [2M X 8] CMOS EQUAL SECTOR FLASH MEMORY
MX29LV081 MCNIX-MX29LV081 Datasheet
466Kb / 51P
8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033A ETC1-MX29LV033A Datasheet
348Kb / 56P
32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
MX29LV065B ETC1-MX29LV065B Datasheet
338Kb / 51P
8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29LV081B MCNIX-MX29LV081B Datasheet
338Kb / 51P
8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV065 MCNIX-MX29LV065 Datasheet
747Kb / 64P
64M-BIT [8M x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
ON Semiconductor
ENA2261 ONSEMI-ENA2261 Datasheet
203Kb / 23P
8M-bit (1024K x 8) Serial Flash Memory
December, 2013
ENA2286 ONSEMI-ENA2286 Datasheet
172Kb / 23P
8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 1.62
ENA2287 ONSEMI-ENA2287 Datasheet
173Kb / 23P
8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 2.12
ENA2199 ONSEMI-ENA2199 Datasheet
143Kb / 22P
8M-bit (1024K x 8) Serial Flash Memory
December, 2013 Ver. 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com