Electronic Components Datasheet Search
  English  ▼

X  

MX29F080 Datasheet(PDF) 16 Page - Macronix International

Part # MX29F080
Description  8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F080 Datasheet(HTML) 16 Page - Macronix International

Back Button MX29F080 Datasheet HTML 12Page - Macronix International MX29F080 Datasheet HTML 13Page - Macronix International MX29F080 Datasheet HTML 14Page - Macronix International MX29F080 Datasheet HTML 15Page - Macronix International MX29F080 Datasheet HTML 16Page - Macronix International MX29F080 Datasheet HTML 17Page - Macronix International MX29F080 Datasheet HTML 18Page - Macronix International MX29F080 Datasheet HTML 19Page - Macronix International MX29F080 Datasheet HTML 20Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
16
P/N:PM0579
REV. 1.6, NOV. 21, 2002
MX29F080
AC CHARACTERISTICS TA = 0oC to 70oC, VCC = 5V ±
±
±
±
±
10%
29F080-70
29F080-90
29F080-12
SYMBOL
PARAMETER
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
UNIT
tOES
OE setup time
50
50
50
ns
tCWC
Command programming cycle
70
90
120
ns
tCEP
WE programming pulse width
35
45
50
ns
tCEPH1
WE programming pulse width High
20
20
20
ns
tCEPH2
WE programming pulse width High
20
20
20
ns
tAS
Address setup time
0
0
0
ns
tAH
Address hold time
45
45
50
ns
tDS
Data setup time
30
45
50
ns
tDH
Data hold time
0
0
0
ns
tCESC
CE setup time before command write
0
0
0
ns
tDF
Output disable time (Note 1)
20
30
30
ns
tAETC
Total erase time in auto chip erase
8(TYP.)
64
8(TYP.)
64
8(TYP.)
64
s
tAETB
Total erase time in auto sector erase
1.3(TYP.)
10.4
1.3(TYP.)
10.4
1(TYP.)
10.4
s
tAVT
Total programming time in auto verify
7(TYP.)
210
7(TYP.)
210
7(TYP.)
210
us
tBAL
Sector address load time
80
80
80
us
tCH
CE Hold Time
0
0
0
ns
tCS
CE setup to WE going low
0
0
0
ns
tVLHT
Voltge Transition Time
4
4
4
us
tOESP
OE Setup Time to WE Active
4
4
4
us
tWPP1
Write pulse width for sector protect
10
10
10
us
tWPP2
Write pulse width for sector unprotect
12
12
12
ms
NOTES:
1. tDF defined as the time at which the output achieves the open circuit condition and data is no longer driven.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com