Electronic Components Datasheet Search
  English  ▼

X  

MX29F080 Datasheet(PDF) 18 Page - Macronix International

Part # MX29F080
Description  8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F080 Datasheet(HTML) 18 Page - Macronix International

Back Button MX29F080 Datasheet HTML 14Page - Macronix International MX29F080 Datasheet HTML 15Page - Macronix International MX29F080 Datasheet HTML 16Page - Macronix International MX29F080 Datasheet HTML 17Page - Macronix International MX29F080 Datasheet HTML 18Page - Macronix International MX29F080 Datasheet HTML 19Page - Macronix International MX29F080 Datasheet HTML 20Page - Macronix International MX29F080 Datasheet HTML 21Page - Macronix International MX29F080 Datasheet HTML 22Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
18
P/N:PM0579
REV. 1.6, NOV. 21, 2002
MX29F080
One byte data is programmed. Verify in fast algorithm
and additional programming by external control are not
required because these operations are executed auto-
matically by internal control circuit. Programming
completion can be verified by DATA polling and toggle
bit checking after automatic verification starts. Device
outputs DATA during programming and DATA after pro-
gramming on Q7.(Q6 is for toggle bit; see toggle bit,
DATA polling, timing waveform)
AUTOMATIC PROGRAMMING TIMING WAVEFORM
tCWC
tAS
tCEP
tDS
tDH
tDF
Vcc 5V
CE
OE
Q0,Q1,
Q4(Note 1)
WE
A11~A19
tCEPH1
tAH
ADD Valid
tCESC
Q7
Command In
ADD Valid
A0~A10
Command In
Command In
Data In
DATA
Command In
Command In
Command In
Data In
DATA
DATA
tAVT
tOE
DATA polling
2AAH
555H
555H
(Q0~Q7)
Command #55H
Command #A0H
Notes:
(1). Q6:Toggle bit, Q5:Timing-limit bit, Q3: Time-out bit, Q2: Toggle bit
Command #AAH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com