Electronic Components Datasheet Search
  English  ▼

X  

MX27C2000API-15 Datasheet(PDF) 1 Page - Macronix International

Part # MX27C2000API-15
Description  2M-BIT [256K x 8] CMOS EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C2000API-15 Datasheet(HTML) 1 Page - Macronix International

  MX27C2000API-15 Datasheet HTML 1Page - Macronix International MX27C2000API-15 Datasheet HTML 2Page - Macronix International MX27C2000API-15 Datasheet HTML 3Page - Macronix International MX27C2000API-15 Datasheet HTML 4Page - Macronix International MX27C2000API-15 Datasheet HTML 5Page - Macronix International MX27C2000API-15 Datasheet HTML 6Page - Macronix International MX27C2000API-15 Datasheet HTML 7Page - Macronix International MX27C2000API-15 Datasheet HTML 8Page - Macronix International MX27C2000API-15 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
PIN DESCRIPTION
REV. 2.0, AUG. 27, 2003
P/N: PM0708
FEATURES
• 256Kx 8 organization
• Single +5V power supply
• +12.5V programming voltage
• Fast access time:90/100/120/150 ns
• Totally static operation
• Completely TTL compatible
• Operating current:30mA
• Standby current: 100uA
• Package type:
- 32 pin plastic DIP
- 32 pin PLCC
- 32 pin SOP
- 32 pin TSOP
PIN CONFIGURATIONS
32 PDIP/SOP
32 PLCC
SYMBOL
PIN NAME
A0~A17
Address Input
Q0~Q7
Data Input/Output
CE
Chip Enable Input
OE
Output Enable Input
PGM
Programmable Enable Input
VPP
Program Supply Voltage
NC
No Internal Connection
VCC
Power Supply Pin (+5V)
GND
Ground Pin
MX27C2000A
2M-BIT[256Kx8]CMOSEPROM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
Q0
Q1
Q2
GND
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
PGM
A17
A14
A13
A8
A9
A11
OE
A10
CE
Q7
Q6
Q5
Q4
Q3
1
4
5
9
13
14
17
20
21
25
29
32
30
A14
A13
A8
A9
A11
OE
A10
CE
Q7
A7
A6
A5
A4
A3
A2
A1
A0
Q0
MX27C2000A
PRELIMINARY
GENERAL DESCRIPTION
The MX27C2000A is a 5V only, 2M-bit, One Time
Programmable Read Only Memory. It is organized as
256K words by 8 bits per word, operates from a single +
5 volt supply, has a static standby mode, and features
fast single address location programming. All program-
ming signals are TTL levels, requiring a single pulse. For
programming outside from the system, existing EPROM
programmers may be used. The MX27C2000A supports
a intelligent fast programming algorithm which can result
in programming time of less than one minute.
This One Time Programmable Read Only is packaged in
industry standard 32 pin dual-in-line packages, 32 lead
PLCC, 32 lead SOP, 32 lead TSOP packages.
A11
A9
A8
A13
A14
A17
PGM
VCC
VPP
A16
A15
A12
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OE
A10
CE
Q7
Q6
Q5
Q4
Q3
GND
Q2
Q1
Q0
A0
A1
A2
A3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
MX27C2000A
32 TSOP


Similar Part No. - MX27C2000API-15

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
2M-BIT [256K x 8] CMOS EPROM
MX27C2000MC-10 MCNIX-MX27C2000MC-10 Datasheet
996Kb / 17P
2M-BIT [256K x 8] CMOS EPROM
MX27C2000MC-12 MCNIX-MX27C2000MC-12 Datasheet
996Kb / 17P
2M-BIT [256K x 8] CMOS EPROM
MX27C2000MC-15 MCNIX-MX27C2000MC-15 Datasheet
996Kb / 17P
2M-BIT [256K x 8] CMOS EPROM
MX27C2000MC-35 MCNIX-MX27C2000MC-35 Datasheet
996Kb / 17P
2M-BIT [256K x 8] CMOS EPROM
More results

Similar Description - MX27C2000API-15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A27020 AMICC-A27020 Datasheet
170Kb / 14P
256K X 8 OTP CMOS EPROM
logo
Macronix International
MX26C2000B MCNIX-MX26C2000B Datasheet
1,016Kb / 23P
2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
2M-BIT [256K x 8] CMOS EPROM
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
256K-BIT [32K x 8] CMOS EPROM
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
2M-BIT[256K x 8]CMOS FLASH MEMORY
logo
AMIC Technology
A27020A AMICC-A27020A Datasheet
175Kb / 14P
256K X 8 OTP CMOS EPROM
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
256K (32K x 8) CMOS EPROM
2004
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
256K X 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com