Electronic Components Datasheet Search
  English  ▼

X  

MX27C2000API-15 Datasheet(PDF) 7 Page - Macronix International

Part # MX27C2000API-15
Description  2M-BIT [256K x 8] CMOS EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C2000API-15 Datasheet(HTML) 7 Page - Macronix International

Back Button MX27C2000API-15 Datasheet HTML 3Page - Macronix International MX27C2000API-15 Datasheet HTML 4Page - Macronix International MX27C2000API-15 Datasheet HTML 5Page - Macronix International MX27C2000API-15 Datasheet HTML 6Page - Macronix International MX27C2000API-15 Datasheet HTML 7Page - Macronix International MX27C2000API-15 Datasheet HTML 8Page - Macronix International MX27C2000API-15 Datasheet HTML 9Page - Macronix International MX27C2000API-15 Datasheet HTML 10Page - Macronix International MX27C2000API-15 Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
REV. 2.0, AUG. 27, 2003
P/N: PM0708
MX27C2000A
DC PROGRAMMING CHARACTERISTICS
TA = 25oC ± 5oC
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
VOH
Output High Voltage
2.4
V
IOH = -0.40mA
VOL
Output Low Voltage
0.4
V
IOL = 2.1mA
VIH
Input High Voltage
2.0
VCC + 0.5
V
VIL
Input Low Voltage
-0.3
0.8
V
ILI
Input Leakage Current
-10
10
uA
VIN = 0 to 5.5V
VH
A9 Auto Select Voltage
11.5
12.5
V
ICC3
VCC Supply Current (Program & Verify)
50
mA
IPP2
VPP Supply Current(Program)
30
mA
CE = PGM = VIL,
OE = VIH
VCC1
Fast Programming Supply Voltage
6.00
6.50
V
VPP1
Fast Programming Voltage
12.5
13.0
V
AC PROGRAMMING CHARACTERISTICS
TA = 25oC ± 5oC
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
tAS
Address Setup Time
2.0
us
tOES
OE Setup Time
2.0
us
tDS
Data Setup Time
2.0
us
tAH
Address Hold Time
0
us
tDH
Data Hold Time
2.0
us
tDFP
Output Enable to Output Float Delay
0
130
ns
tVPS
VPP Setup Time
2.0
us
tPW
PGM Program Pulse Width
10
50
us
tVCS
VCC Setup Time
2.0
us
tCES
CE Setup Time
2.0
us
tOE
Data valid from OE
150
ns
AC CHARACTERISTICS
27C2000A-90 27C2000A-10
27C2000A-12 27C2000A-15
Symbol PARAMETER
MIN.
MAX. MIN.
MAX.
MIN.
MAX.
MIN.
MAX. Unit Conditions
tACC
Address to Output Delay
90
100
120
150
ns
CE=OE=VIL
tCE
Chip Enable to Output Delay
90
100
120
150
ns
OE=VIL
tOE
Output Enable to Output Delay
40
45
50
65
ns
CE=VIL
tDF
OE High to Output Float,
0
25
0
35
0
35
0
50
ns
or CE High to Output Float
tOH
Output Hold from Address,CE or
0
0
0
0
ns
OE which ever occurred first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com