Electronic Components Datasheet Search
  English  ▼

X  

MX27C2000API-15 Datasheet(PDF) 4 Page - Macronix International

Part # MX27C2000API-15
Description  2M-BIT [256K x 8] CMOS EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX27C2000API-15 Datasheet(HTML) 4 Page - Macronix International

  MX27C2000API-15 Datasheet HTML 1Page - Macronix International MX27C2000API-15 Datasheet HTML 2Page - Macronix International MX27C2000API-15 Datasheet HTML 3Page - Macronix International MX27C2000API-15 Datasheet HTML 4Page - Macronix International MX27C2000API-15 Datasheet HTML 5Page - Macronix International MX27C2000API-15 Datasheet HTML 6Page - Macronix International MX27C2000API-15 Datasheet HTML 7Page - Macronix International MX27C2000API-15 Datasheet HTML 8Page - Macronix International MX27C2000API-15 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
REV. 2.0, AUG. 27, 2003
P/N: PM0708
MX27C2000A
START
ADDRESS = FIRST LOCATION
VCC = 6.25V
VPP = 12.75V
X = 0
PROGRAM ONE 10us PULSE
INCREMENT X
X = 25?
VERIFY BYTE
LAST ADDRESS
VCC = VPP = 5.25V
DEVICE PASSED
VERIFY ALL BYTES
?
DEVICE FAILED
INCREMENT ADDRESS
INTERACTIVE
SECTION
VERIFY SECTION
FAIL
PASS
YES
PASS
NO
YES
NO
FAIL
FIGURE 1. FAST PROGRAMMING FLOWCHART
FAIL
?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com