Electronic Components Datasheet Search
  English  ▼

X  

ISL78310 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL78310
Description  High Performance 1A LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78310 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL78310 Datasheet HTML 1Page - Intersil Corporation ISL78310 Datasheet HTML 2Page - Intersil Corporation ISL78310 Datasheet HTML 3Page - Intersil Corporation ISL78310 Datasheet HTML 4Page - Intersil Corporation ISL78310 Datasheet HTML 5Page - Intersil Corporation ISL78310 Datasheet HTML 6Page - Intersil Corporation ISL78310 Datasheet HTML 7Page - Intersil Corporation ISL78310 Datasheet HTML 8Page - Intersil Corporation ISL78310 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ISL78310
3
FN7810.2
November 7, 2014
Submit Document Feedback
Typical Application Diagrams
FIGURE 1. FIXED TYPICAL APPLICATION DIAGRAM
FIGURE 2. ADJUSTABLE TYPICAL APPLICATION DIAGRAM
NOTE:
5. Used when large bulk capacitance required on VOUT for application.
VIN
PG
ENABLE
SS
GND
SENSE/ADJ
VIN
V OUT
1
2
3
5
4
7
9
10
6
10k
100k
10µF
2.5V ± 10%
1.8V ± 1.8%
V OUT
ISL78310
(Note 5)
10µF
VIN
PG
ENABLE
SS
GND
VIN
VOUT
1
2
5
4
7
9
10
6
10k
100k
10µF
10µF
2.5V ± 10%
1.8V ± 1.8%
SENSE/ADJ
2.6k
1k
VOUT
ISL78310
(Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com