Electronic Components Datasheet Search
  English  ▼

X  

ISL78310 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL78310
Description  High Performance 1A LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78310 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL78310 Datasheet HTML 6Page - Intersil Corporation ISL78310 Datasheet HTML 7Page - Intersil Corporation ISL78310 Datasheet HTML 8Page - Intersil Corporation ISL78310 Datasheet HTML 9Page - Intersil Corporation ISL78310 Datasheet HTML 10Page - Intersil Corporation ISL78310 Datasheet HTML 11Page - Intersil Corporation ISL78310 Datasheet HTML 12Page - Intersil Corporation ISL78310 Datasheet HTML 13Page - Intersil Corporation ISL78310 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ISL78310
11
FN7810.2
November 7, 2014
Submit Document Feedback
Equation 3 can be used to calculate CSS for a desired in-rush
current, where VOUT is the output voltage, COUT is the total
capacitance on the output, and IINRUSH is the desired in-rush
current.
The scopes in Figures 14, 15 and 16 capture the response for the
soft-start function. The output voltage is set to 1.8V.
The external capacitor is always discharged to ground at the
beginning of start-up or enabling.
Power-Good Operation
The PGOOD is a logic output that indicates the status of VOUT.
The PGOOD flag is an open-drain NMOS that can sink 10mA
during a fault condition. The PGOOD pin requires an external
pull-up resistor, which is typically connected to the VOUT pin. The
PGOOD pin should not be pulled up to a voltage source greater
than VIN. The PGOOD goes low when the output voltage drops
below 84% of the nominal output voltage or if the part is
disabled. The PGOOD comparator functions during current limit
and thermal shutdown. For applications not using this feature,
connect this pin to ground.
Output Voltage Selection
An external resistor divider is used to scale the output voltage
relative to the internal reference voltage. This voltage is then fed
back to the error amplifier. The output voltage can be
programmed to any level between 0.8V and 5V. An external
resistor divider, R1 and R2, is used to set the output voltage as
shown in Equation 4. The recommended value for R2 is 500 to
1k
R1is then chosen according to Equation 5.
FIGURE 14. IN-RUSH CURRENT WITH NO CSS, COUT = 1000µF,
IN-RUSH CURRENT = 1.8A
FIGURE 15. IN-RUSH CURRENT WITH CSS = 15nF, COUT = 1000µF,
IN-RUSH CURRENT = 0.5A
FIGURE 16. IN-RUSH CURRENT WITH CSS = 33nF, COUT = 1000µF, IN-RUSH CURRENT = 0.2A
VOUT (1V/DIV)
IOUT (1A/DIV)
TIME (1ms/DIV)
TIME (2ms/DIV)
IOUT (1A/DIV)
VOUT (1V/DIV)
TIME (2ms/DIV)
IOUT (1A/DIV)
VOUT (1V/DIV)
CSS
VOUTxCOUTx2A

IINRUSHx0.5V
---------------------------------------------------------
=
(EQ. 3)
VOUT
0.5V
R1
R2
------- 1
+



=
(EQ. 4)
R1
R2
VOUT
0.5V
---------------- 1
–


=
(EQ. 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com